Electronic Components Datasheet Search
  English  ▼

X  

2963802 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2963802
Description  PSR-SCP- 24UC/ESA2/4X1/1X2/B - Safety relays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2963802 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2963802 Datasheet HTML 1Page - PHOENIX CONTACT 2963802 Datasheet HTML 2Page - PHOENIX CONTACT 2963802 Datasheet HTML 3Page - PHOENIX CONTACT 2963802 Datasheet HTML 4Page - PHOENIX CONTACT 2963802 Datasheet HTML 5Page - PHOENIX CONTACT 2963802 Datasheet HTML 6Page - PHOENIX CONTACT 2963802 Datasheet HTML 7Page - PHOENIX CONTACT 2963802 Datasheet HTML 8Page - PHOENIX CONTACT 2963802 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Safety relay for emergency stop and safety door up to SIL 1, Cat. 1, PL c, depending on the
application up to SIL 3, Cat. 4, PL e, single-channel operation, 4 enabling current paths, US =  
24 V DC, plug-in screw terminal blocks
Your advantages
Up to Cat. 1/PL c in accordance with ISO 13849-1, SIL 1 in accordance with EN IEC 62061, SIL 1 in accordance with IEC 61508
•
Depending on the application, up to Cat. 4/PL e in accordance with ISO 13849-1, SIL 3 in accordance with EN IEC 62061, SIL 3 in accordance
with IEC 61508
•
Basic insulation
•
1-channel control
•
Commercial data
Item number
2963802
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
DN01
Product key
DNA111
Catalog page
Page 229 (C-6-2019)
GTIN
4017918892661
Weight per piece (including packing)
209.52 g
Weight per piece (excluding packing)
179.2 g
Customs tariff number
85371098
Country of origin
DE
PSR-SCP- 24UC/ESA2/4X1/1X2/B - Safety relays
2963802
https://www.phoenixcontact.com/us/products/2963802
Mar 17, 2025, 1:05 AM
Page 1 (11)


Similar Part No. - 2963802

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2963815 PHOENIX-2963815 Datasheet
107Kb / 4P
SD-D/SC/GY
Feb 9, 2011
2963860 PHOENIX-2963860 Datasheet
128Kb / 4P
SD-US/SC/LA/GY
Feb 9, 2011
More results

Similar Description - 2963802

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900509 PHOENIX-2900509 Datasheet
163Kb / 5P
PSR-SCP- 24UC/ESAM4/3X1/1X2/B
2900510 PHOENIX-2900510 Datasheet
110Kb / 7P
Safety relays - PSR-SPP- 24UC/ESAM4/3X1/1X2/B
2900525 PHOENIX-2900525 Datasheet
120Kb / 7P
Safety relays - PSR-SCP- 24UC/ESAM4/2X1/1X2
2901422 PHOENIX-2901422 Datasheet
107Kb / 6P
Safety relays - PSR-SCP-120UC/ESAM4/3X1/1X2/B
2902725 PHOENIX-2902725 Datasheet
126Kb / 6P
Safety relays - PSR-SCP- 24DC/MXF1/4X1/2X2/B
2903254 PHOENIX-2903254 Datasheet
222Kb / 8P
Safety relays - PSR-SCP-24DC/MXF2/4X1/2X2/B
2963750 PHOENIX-2963750 Datasheet
115Kb / 9P
Safety relays - PSR-SCP- 24UC/ESA4/2X1/1X2
09/12/2020
2963912 PHOENIX-2963912 Datasheet
114Kb / 7P
Safety relays - PSR-SCP- 24UC/ESAM4/8X1/1X2
09/12/2020
2903257 PHOENIX-2903257 Datasheet
221Kb / 7P
Safety relays - PSR-SCP-24DC/MXF3/4X1/2X2/B
10/27/2021
2903260 PHOENIX-2903260 Datasheet
217Kb / 7P
Safety relays - PSR-SCP-24DC/MXF4/4X1/2X2/B
10/27/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com