Electronic Components Datasheet Search
  English  ▼

X  

2963802 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2963802
Description  PSR-SCP- 24UC/ESA2/4X1/1X2/B - Safety relays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2963802 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2963802 Datasheet HTML 1Page - PHOENIX CONTACT 2963802 Datasheet HTML 2Page - PHOENIX CONTACT 2963802 Datasheet HTML 3Page - PHOENIX CONTACT 2963802 Datasheet HTML 4Page - PHOENIX CONTACT 2963802 Datasheet HTML 5Page - PHOENIX CONTACT 2963802 Datasheet HTML 6Page - PHOENIX CONTACT 2963802 Datasheet HTML 7Page - PHOENIX CONTACT 2963802 Datasheet HTML 8Page - PHOENIX CONTACT 2963802 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
10 A gL/gG (High demand)
Output fuse
4 A gL/gG (Low demand)
Relay: Signaling current path (51/52)
Output description
2 N/C contacts parallel, non-safety-related, floating
Number of outputs
1
Contact switching type
1 signaling current path
Contact material
AgSnO2
min. 5 V
Switching voltage
max. 250 V AC/DC
Switching capacity
min. 50 mW
min. 10 mA
Inrush current
max. 6 A
1.5 A (AC15)
Switching capacity in accordance with IEC 60947-5-1
5 A (DC13)
Limiting continuous current
6 A (Signaling current path)
Sq. Total current
36 A2
Switching frequency
max. 0.5 Hz
Interrupting rating (ohmic load) max.
Observe derating and load limit curve
Maximum interrupting rating (inductive load)
Observe derating and load limit curve
Output fuse
6 A gL/gG
Connection data
Connection technology
pluggable
yes
Conductor connection
Connection method
Screw connection
Conductor cross section rigid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross-section AWG
24 ... 12
Stripping length
7 mm
Screw thread
M3
Tightening torque
0.5 Nm ... 0.6 Nm
Signaling
Status display
2 x LED (green)
Operating voltage display
1 x LED (green)
Dimensions
Width
22.5 mm
Height
99 mm
Depth
114.5 mm
Material specifications
PSR-SCP- 24UC/ESA2/4X1/1X2/B - Safety relays
2963802
https://www.phoenixcontact.com/us/products/2963802
Mar 17, 2025, 1:05 AM
Page 4 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com