Electronic Components Datasheet Search
  English  ▼

X  

QM30 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # QM30
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  QM30 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
2
10
1
10
0
10
–1
10
–2
10
–3
10
0
10
–1
10
2
10
1
10
0
10
0
10
1
10
2
10
3
10
1
10
7
5
4
3
2
–1
10
23 4 5 7
0
10
23 4 5 7
1
10
0
10
7
5
4
3
3
2
Tj=25°C
Tj=125°C
ts
tf
VCC=300V
IC=30A
IB1=0.6A
70
20
0
0
100
700
50
200
400
60
40
30
10
IB2=
–1A
–3A
–5A
Tj=125°C
300
500 600
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
44
4
TC=25°C
100
90
60
40
20
0
0
160
20
40
60
80 100 120 140
80
10
70
50
30
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0.4
0.8
1.2
1.6
2.0
2.4
Tj=25°C
Tj=125°C
7
5
3
2
7
5
3
2
7
5
3
2
0.5
0.4
0.3
0.1
0
44
4
23 45 7
0.2
7
5
3
24
NON–REPETITIVE
COLLECTOR
DISSIPATION
SECOND
BREAKDOWN
AREA
SWITCHING TIME VS. BASE
CURRENT (TYPICAL)
REVERSE BIAS SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE
VCE (V)
BASE REVERSE CURRENT
–IB2 (A)
FORWARD BIAS SAFE OPERATING AREA
DERATING FACTOR OF F. B. S. O. A.
COLLECTOR-EMITTER VOLTAGE
VCE (V)
CASE TEMPERATURE
TC (
°C)
REVERSE COLLECTOR CURRENT VS.
COLLECTOR-EMITTER REVERSE
VOLTAGE (DIODE FORWARD
CHARACTERISTICS) (TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
COLLECTOR-EMITTER REVERSE VOLTAGE
–VCEO (V)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM30DY-H
MEDIUM POWER SWITCHING USE
INSULATED TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com