Electronic Components Datasheet Search
  English  ▼

X  

QM30 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # QM30
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  QM30 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI TRANSISTOR MODULES
QM30DY-H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
AC motor controllers, UPS, CVCF, DC motor controllers, NC equipment, Welders
QM30DY-H
• IC
Collector current .......................... 30A
• VCEX
Collector-emitter voltage ........... 600V
• hFE
DC current gain............................... 75
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
94
80
(7)
(7)
20
20
27
φ6.5
12
C2E1
E2
C1
M5
Tab#110, t=0.5
C1
C2E1
E2
E2
E1
B1
B2
B1
B2
E1
E2
LABEL


Similar Part No. - QM30

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM30 MITSUBISHI-QM30 Datasheet
63Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
72Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
70Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
74Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
74Kb / 6P
MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM30

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15DX-24 MITSUBISHI-QM15DX-24 Datasheet
72Kb / 5P
MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com