Electronic Components Datasheet Search
  English  ▼

X  

QM30 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # QM30
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  QM30 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
1
10
0
10
–3
10
–2
10
–1
10
0
10
2
10
1
10
0
10
–1
10
0
10
1
10
2
10
3
10
–1
10
2
10
1
10
0
10
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
44
4
Irr
trr
Qrr
VCC=300V
IB1=–IB2=0.6A
Tj=25°C
Tj=125°C
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
100
200
300
400
500
7
5
3
2
7
5
3
2
7
5
3
2
2.0
1.6
1.2
0.8
0.4
0
44
4
23 4 5 7
3
2
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (DIODE )
RATED SURGE COLLECTOR REVERSE CURRENT
(DIODE FORWARD SURGE CURRENT)
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE (TYPICAL)
CONDUCTION TIME (CYCLES AT 60Hz)
FORWARD CURRENT
IF (A)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM30DY-H
MEDIUM POWER SWITCHING USE
INSULATED TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com