Electronic Components Datasheet Search
  English  ▼

X  

MGCT03 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MGCT03
Description  Transmit Circuit for TDMA/AMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT03 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MGCT03 Datasheet HTML 1Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 2Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MGCT03
4
Characteristics
Value
Units
Conditions
Min.
Typ.
Max.
SSB mixer and UHF oscillator
inputs
SSB rejection
18
dB
Cellular band LO input level
-15
-10
-5
dBm
From external UHF osc. via
matching network
PCS band LO input level
-15
-10
-5
dBm
From external UHF osc. via
matching network
Cellular band local oscillator input
frequency. (LO 1GHz)
850
1100
MHz
PCS band local oscillator input
frequency (LO 2GHz)
1500
2150
MHz
900MHz RF output stage
Specifications assume 50 ohm
load driven via a matching network
(Fig. 6)
RF amplifier operating frequency
range
824
849
MHz
Output power
+8
+19
dBm
Note 1
ACPR (TDMA)
-45
-30
dBc
Pout = +8dBm, Offset = 30kHz
-90
-60
dBc
Pout = +8dBm, Offset = 60kHz
Output power AMPS
+10
+14
+19
dBm
Note 2
Receive band noise
(869 - 894MHz)
-123
-121
dBm/
Hz
ftx = 849 MHz Pout = +8dBm
Spurious Outputs
LO Leakage
-18
dBc
Note 2, Pout = +8dBm
LO Leakage
-14
dBm
VCC = 3V, T = 25˙C Pout = +8dBm
Image Rejection
-18
dBc
Note 2, Pout = +8dBm
Other Spurii
-20
dBm
Note 3
1900MHz RF output stage (PCS)
Specifications assume 50 ohm
load driven via a matching network
(Fig. 5)
RF amplifier operating frequency
range
1850
1910
MHz
Output power
+8
+18
dBm
Note 1
ACPR (TDMA)
-45
-30
dBc
Pout = +8dBm, Offset = 30kHz
-90
-60
dBc
Pout = +8dBm, Offset = 60kHz
Receive band noise
(1930 - 1990 MHz)
-123
-121
dBm/
Hz
ftx = 1910MHz, Pout = +8dBm
Receive band noise
(1930 - 1990MHz)
-128
-125
dBm/
Hz
ftx = 1910MHz, Pout = +3dBm
VCC = 3V, T =25˙C
Table 3 - AC Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com