Electronic Components Datasheet Search
  English  ▼

X  

MGCT03 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # MGCT03
Description  Transmit Circuit for TDMA/AMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT03 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  MGCT03 Datasheet HTML 1Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 2Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MGCT03
5
Spurious Outputs
LO Leakage
-18
dBc
Note 2, Pout = =8dBm
LO Leakage
-14
dBm
VCC = 3V, T = 25˙C Pout = +8dBm
Image Rejection
-18
dBc
Note 2, Pout = +8dBm
Other Spurii
-20
dBm
Note 3
Characteristics
Value
Units
Conditions
Min.
Typ.
Max.
Table 3 - AC Characteristics (continued)
Notes:
1. V (I/Q) = 1.4V differential, VHF LO = 22mV rms, UHF LO = -15dBm, VGA = 2.6volts
2. V (I/Q) = 1.4 V dc differential, VHF LO = 22mV rms, UHF LO = -15dBm
3. Frequency range 10MHz to 10*ftx except Rx and Tx bands
Circuit Description
General
The MGCT03 circuit is designed to provide the
transmit function in dual band dual mode IS136/
AMPS mobile phones. The circuit contains the
following blocks:
1. Quadrature modulator
2. Active IF low pass filter
3. IF variable gain amplifier
4. Single sideband mixer with external UHF
oscillator inputs
5. RF variable gain amplifier
6. 900MHz and 1900MHz high power output driver
stages
7. Power and mode control logic
Quadrature Modulator
I and Q data from a baseband circuit such as the
Zarlink Semiconductor MGCM01 or MGCM02 circuit
is applied to the I and Q inputs of the quadrature
modulator to produce the intermediate frequency by
mixing with the local oscillator frequency from the
VHF VCO. The control inputs can select either a
divide by two or divide by four function between the
VHF VCO and the quadrature modulator giving a
choice of possible intermediate frequencies.
VHF Oscillator Input Oscillator Bias and
Divider
An external VHF oscillator circuit is AC coupled to
the VHF oscillator input to drive the quadrature
modulator. An oscillator bias circuit is included on
the chip so that the external VHF oscillator transistor
can be switched off using the control inputs. The bias
voltage is switched off in either of the sieep
conditions shown in Tables 4 and 5.
Active Low Pass Filter
The output from the quadrature modulator is passed
to the active low pass filter which attenuates wide
band noise and spurious outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com