Electronic Components Datasheet Search
  English  ▼

X  

MGCT03 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MGCT03
Description  Transmit Circuit for TDMA/AMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT03 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MGCT03 Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 9Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 10Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 11Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MGCT03
8
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CONTROL
MICROPROCESSOR
VCC
1GHz LO 2GHz LO
VCC
MIXED SIGNAL
INTERFACE
CIRCUIT
MGCT03
900MHz
MATCHING
NETWORK
900MHz
DUPLEXER
1900MHz
MATCHING
NETWORK
1900MHz
DUPLEXER
POWER
AMPS
SAW
FILTERS
OSC CONTROL
OSC OUT
OSC BIAS
EXTERNAL
VHF OSCILLATOR
AGC
FROM PLL
Figure 5 - Typical 1900MHz output matching
network
Figure 6 - Typical 900MHz output matching
network
VCC
C3
1.2p
L4
5.6n
C1
1.2p
L5
5.6n
C4
1.2p
L3
3.9n
L1
15n
L2
15n
PIN 7
PIN 6
50
Ω SAW
FILTER
NOTE
L1 and L2 are required to provide a DC feed to the output pins
and do not form part of the matching network
C2
1.2p
VCC
C3
1.5p
L4
22n
L5
22n
C4
1.5p
L3
22n
L1
68n
L2
68n
PIN 9
PIN 8
50
Ω SAW
FILTER
NOTE
L1 and L2 are required to provide a DC feed to the output pins
and do not form part of the matching network
C2
100p
C1
100p
Figure 4 - Typical application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com