Electronic Components Datasheet Search
  English  ▼

X  

MGCT03 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # MGCT03
Description  Transmit Circuit for TDMA/AMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT03 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button MGCT03 Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 9Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 10Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 11Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MGCT03
7
Figure 3a - Control inputs CP0,
CP1 and CP2
Figure 3b - Oscillator bias
buffer
Figure 3c - VHF oscillator input buffer
Figure 3d - LO2GHz and LO1GHz oscillator
inputs
Figure 3e - 900MHz and 1900MHz outputs
Figure 3f - I and Q inputs
Figure 3g - AGC input
VCC
800k
INPUT
400k
VCC
600
OSC
BIAS
VREF
1.2V
VCC
540
µA
VBIAS
2.7k
2.7k
VHF OSC
INPUT
10k
10k
4p
VCC
VOUT−
100
100
1.6mA
VBIAS
VOUT+
550
550
LO2GHz
LO1GHz
4k5
4k5
VCC
RF900
RF900
VCC
RF1900
RF1900
VBIAS
VBIAS
RFDEG2
RFDEG1
VCC
TO
QUAD
MOD
TO
QUAD
MOD
I IN/Q IN
I IN/Q IN
80k
80k
10k
10k
VCC
27k
44k
27k
VBIAS 1
VBIAS 2
2.0p
AGC IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com