Electronic Components Datasheet Search
  English  ▼

X  

ES6425 Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES6425
Description  Digital Media Processor 2 Product Brief
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6425 Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES6425 Datasheet HTML 1Page - ESS Technology,Inc ES6425 Datasheet HTML 2Page - ESS Technology,Inc ES6425 Datasheet HTML 3Page - ESS Technology,Inc ES6425 Datasheet HTML 4Page - ESS Technology,Inc ES6425 Datasheet HTML 5Page - ESS Technology,Inc ES6425 Datasheet HTML 6Page - ESS Technology,Inc ES6425 Datasheet HTML 7Page - ESS Technology,Inc ES6425 Datasheet HTML 8Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESS Technology, Inc.
SAM0529-091305
3
ES6425 PRODUCT BRIEF
ES6425 PIN DESCRIPTION
ES6425 PIN DESCRIPTION
Table 1 lists the pin descriptions for the ES6425. The
pound symbol (#) denotes an active-low signal.
Table 1
ES6425 Pin Description
Name
Pin Numbers
I/O
Definition
VEE
1,18, 27, 59, 68, 75,
92, 99, 104, 130,
148, 157, 159, 164,
183, 193, 201
P
I/O power supply.
LA[21:0]
2-7, 10-16, 19-23,
204-207
O
RISC port address bus.
VSS
8, 17, 26, 34, 43,
60, 67, 76, 84, 91,
98, 103, 120, 129,
138, 147, 156, 163,
171, 177, 184, 192,
200, 208
G
Ground.
VCC
9, 35, 44, 83, 121,
139, 172
I
Core power supply.
RESET#
24
I
Reset input (active-low); (5V tolerant input).
TDMDX
25
O
TDM transmit data.
RSEL
I
LCS3 ROM Boot Data Width Select. Strapped to VCC or ground via 4.7-k
Ω
resistor; read during reset.
TDMDR
28
I
TDM receive data; (5V tolerant input).
TDMCLK
29
I
TDM clock; (5V tolerant input).
TDMFS
30
I
TDM frame sync; (5V tolerant input).
TDMTSC#
31
O
TDM output enable (active-low).
TWS
32
O
Audio transmit frame sync.
SEL_PLL2
I
System and DSCK output clock frequency selection is made at the rising edge of
RESET#. The matrix below lists the available clock frequencies and their
respective PLL bit settings. Pull up to VCC via 4.7-k
Ω resistor for proper
operation; read during reset.
TSD0
33
O
Audio transmit serial data output 0.
SEL_PLL0
I
Pull up to VCC via 4.7-k
Ω resistor for proper operation; read during reset.
RSEL
Selection
016-bit ROM
18-bit ROM
SEL_PLL2
SEL_PLL1
SEL_PLL0
Clock Type
0
0
0
DCLK x 4.5
0
0
1
DCLK x 5.0
0
1
0
Bypass mode
0
1
1
DCLK x 4.0
1
0
0
DCLK x 4.25
1
0
1
DCLK x 4.75
1
1
0
DCLK x 5.5
1
1
1
DCLK x 6.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com