Electronic Components Datasheet Search
  English  ▼

X  

ES6425 Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES6425
Description  Digital Media Processor 2 Product Brief
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6425 Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES6425 Datasheet HTML 1Page - ESS Technology,Inc ES6425 Datasheet HTML 2Page - ESS Technology,Inc ES6425 Datasheet HTML 3Page - ESS Technology,Inc ES6425 Datasheet HTML 4Page - ESS Technology,Inc ES6425 Datasheet HTML 5Page - ESS Technology,Inc ES6425 Datasheet HTML 6Page - ESS Technology,Inc ES6425 Datasheet HTML 7Page - ESS Technology,Inc ES6425 Datasheet HTML 8Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SAM0529-091305
ESS Technology, Inc.
ES6425 PRODUCT BRIEF
ES6425 PIN DESCRIPTION
TSD1
36
O
Audio transmit serial data output 1.
SEL_PLL1
I
Pull up to VCC via 4.7-k
Ω resistor for proper operation; read during reset.
TSD2
37
O
Audio transmit serial data output 2. This pin must be pulled down to VSS via a
4.7-k
Ω resistor for proper operation.
MCLK
39
I/O
Audio master clock for audio DAC.
TBCK
40
I/O
Audio transmit bit clock. TBCK is an input during reset and subsequently is
programmed as an output via the AUDIOXMT register (addr 0x2000D00Ch, bit 4).
SPDIF
41
O
S/PDIF output.
SEL_PLL3
I
Pull down to ground via 4.7-k
Ω resistor for proper operation; read during reset.
NC
38, 42
—
No connect.
RSD
45
I
Audio receive serial data; (5V tolerant input).
RWS
46
I
Audio receive frame sync; (5V tolerant input).
RBCK
47
I
Audio receive bit clock; (5V tolerant input).
CAMIN3
48
I
Camera and YUV input 3.
XIN
49
I
27-MHz crystal input.
XOUT
50
O
27-MHz crystal output.
AVEE
51
P
Analog power for PLL.
AVSS
52
G
Analog ground for PLL.
DMA[11:0]
53-58, 61-66
O
DRAM address bus.
DCAS#
69
O
DRAM column address strobe (active-low).
DOE#
70
O
DRAM output enable (active-low).
DSCK_EN
O
DRAM clock enable.
DWE#
71
O
DRAM write enable (active-low).
DRAS#
72
O
DRAM row address strobe (active-low).
DMBS0
73
O
SDRAM bank select 0.
DMBS1
74
O
SDRAM bank select 1.
DB[15:0]
77-82, 85-90, 93-96
I/O
DRAM data bus.
DCS[1:0]#
97,100
O
SDRAM chip select (active-low).
DQM
101
O
Data input/output mask.
DSCK
102
O
Output clock to SDRAM.
DCLK
105
I
Clock input to PLL; (5V tolerant input).
Table 1
ES6425 Pin Description (Continued)
Name
Pin Numbers
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com