Electronic Components Datasheet Search
  English  ▼

X  

ES6425 Datasheet(PDF) 5 Page - ESS Technology,Inc

Part # ES6425
Description  Digital Media Processor 2 Product Brief
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6425 Datasheet(HTML) 5 Page - ESS Technology,Inc

  ES6425 Datasheet HTML 1Page - ESS Technology,Inc ES6425 Datasheet HTML 2Page - ESS Technology,Inc ES6425 Datasheet HTML 3Page - ESS Technology,Inc ES6425 Datasheet HTML 4Page - ESS Technology,Inc ES6425 Datasheet HTML 5Page - ESS Technology,Inc ES6425 Datasheet HTML 6Page - ESS Technology,Inc ES6425 Datasheet HTML 7Page - ESS Technology,Inc ES6425 Datasheet HTML 8Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ESS Technology, Inc.
SAM0529-091305
5
ES6425 PRODUCT BRIEF
ES6425 PIN DESCRIPTION
UDAC
106
O
Video DAC output:
Y: Luma component for YUV and Y/C processing.
C: Chrominance signal for Y/C processing.
U: Chrominance component signal for YUV mode.
V: Chrominance component signal for YUV mode.
YUV0
O
YUV pixel 0 output data.
PIXOUT0
O
CCIR656 output pixel 0.
VREF
107
I
Internal voltage reference to DAC. Bypass to ground with 0.1-
µF capacitor.
YUV1
O
YUV pixel 1 output data.
PIXOUT1
O
CCIR656 output pixel 1.
CDAC
108
O
Chrominance signal for Y/C processing display.
YUV2
O
YUV pixel 2 output data.
PIXOUT2
O
CCIR656 output pixel 2.
COMP
109
I
Compensation input. Bypass to ADVEE with 0.1-
µF capacitor.
YUV3
O
YUV pixel 3 output data.
PIXOUT3
O
CCIR656 output pixel 3.
RSET
110
I
DAC current adjustment resistor input.
YUV4
O
YUV pixel 4 output data.
PIXOUT4
O
CCIR656 output pixel 4.
ADVEE
111
P
Analog power.
ADVSS
112
G
Analog ground for video DAC.
YDAC
113
O
Luma component for Y/C processing display.
YUV5
O
YUV pixel 5 output data.
PIXOUT5
O
CCIR656 output pixel 5.
VDAC
114
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
YUV6
O
YUV pixel 6 output data.
PIXOUT6
O
CCIR656 output pixel 6.
Table 1
ES6425 Pin Description (Continued)
Name
Pin Numbers
I/O
Definition
Value
DAC V
(pin 114)
DAC Y
(pin 113)
DAC C
(pin 108)
DAC U
(pin 106)
0
CVBS1
Y
N/A
C
1
CVBS1
Y
CVBS2
C
2N/A
Y
N/A
C
3
CVBS1
N/A
CVBS2
N/A
4
CVBS1
N/A
N/A
N/A
5
CVBS1
Y
Pr
Pb
6N/A
Y
Pr
Pb
7
SYNC
G
R
B
8
CHROMA
Y
Pr
Pb
9
CVBS1
G
R
B
10
CVBS1
G
B
R
11
SYNC
G
B
R
12
N/A
Y
Pb
Pr
13
CVBS1
Y
Pb
Pr



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com