Electronic Components Datasheet Search
  English  ▼

X  

ES6425 Datasheet(PDF) 6 Page - ESS Technology,Inc

Part # ES6425
Description  Digital Media Processor 2 Product Brief
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6425 Datasheet(HTML) 6 Page - ESS Technology,Inc

  ES6425 Datasheet HTML 1Page - ESS Technology,Inc ES6425 Datasheet HTML 2Page - ESS Technology,Inc ES6425 Datasheet HTML 3Page - ESS Technology,Inc ES6425 Datasheet HTML 4Page - ESS Technology,Inc ES6425 Datasheet HTML 5Page - ESS Technology,Inc ES6425 Datasheet HTML 6Page - ESS Technology,Inc ES6425 Datasheet HTML 7Page - ESS Technology,Inc ES6425 Datasheet HTML 8Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SAM0529-091305
ESS Technology, Inc.
ES6425 PRODUCT BRIEF
ES6425 PIN DESCRIPTION
YUV7
115
O
YUV pixel 7 output data.
PIXOUT7
O
CCIR656 output pixel 7.
PCLK2XSCN
116
I/O
27-MHz video pixel clock.
CAMIN4
I
Camera and YUV input 4.
PCLKQSCN
117
O
13.5-MHz video output pixel clock.
AUX3[2]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN5
I
Camera and YUV input 5
VSYNC#
118
I/O
Vertical sync (active-low); (5V tolerant input).
AUX3[1]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN6
I
Camera and YUV input 6.
HSYNC#
119
I/O
Horizontal sync (active-low); (5V tolerant input).
AUX3[0]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN7
I
Camera and YUV input 7.
HD[5:0]
122-127
I/O
Host data bus; (5V tolerant input).
AUX1[5:0]
I/O
Aux1 data I/O; (5V tolerant input).
HD6
128
I/O
Host data bus; (5V tolerant input).
AUX1[6]
I/O
Aux1 data I/O; (5V tolerant input).
VFD_DOUT
O
VFD data output.
HD7
131
I/O
Host data bus; (5V tolerant input).
AUX1[7]
I/O
Aux1 data I/O; (5V tolerant input).
VFD_DIN
I
VFD data input.
HD8
132
I/O
Host data bus; (5V tolerant input).
AUX2[0]
I/O
Aux2 data I/O; (5V tolerant input).
VFD_CLK
I
VFD clock.
HD9
133
I/O
Host data bus; (5V tolerant input).
AUX2[1]
I/O
Aux2 data I/O; (5V tolerant input).
HD10
134
I/O
Host data bus; (5V tolerant input).
AUX2[2]
I/O
Aux2 data I/O; (5V tolerant input).
HD11
135
I/O
Host data bus; (5V tolerant input).
AUX2[3]
I/O
Aux2 data I/O; (5V tolerant input).
HD12
136
I/O
Host data bus; (5V tolerant input).
AUX2[4]
I/O
Aux2 data I/O; (5V tolerant input).
HD13
137
I/O
Host data bus; (5V tolerant input).
AUX2[5]
I/O
Aux2 data I/O; (5V tolerant input).
HD14
140
I/O
Host data bus; (5V tolerant input).
AUX2[6]
I/O
Aux2 data I/O; (5V tolerant input).
HD15
141
I/O
Host data bus; (5V tolerant input).
AUX2[7]
I/O
Aux2 data I/O 7; (5V tolerant input).
IR
I
IR remote control; (5V tolerant input).
HWRQ#
142
O
Host write request (active-low).
AUX4[1]
I/O
Aux4 data I/O 1; (5V tolerant input).
Table 1
ES6425 Pin Description (Continued)
Name
Pin Numbers
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com