Electronic Components Datasheet Search
  English  ▼

X  

SM8703CV Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8703CV
Description  Clock Generator for DVD Players
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703CV Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8703CV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM8703CV
SEIKO NPC CORPORATION —5
DC Electrical Characteristics
External clock, Ta = –40 to 85
°C, VDDA = VDD = VDD1 = VDD2 = 3.0 to 3.6V unless otherwise noted.
Note 1: Schmitt trigger input with internal pull-up resistor
AC Electrical Characteristics
External clock, Ta = –40 to 85
°C, VDDA = VDD = VDD1 = VDD2 = 3.0 to 3.6V unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
All supplies.
VDDA = VDD = VDD1 = VDD2 = 3.3V,
Ta = 25
°C, fs = 48kHz,
Crystal oscillator element,
no load on all outputs
–32
45
mA
HIGH-level input voltage
VIH
XTI, FSEL/MDT, MCK, MLEN
0.8VDD
––
V
LOW-level input voltage
VIL
XTI, FSEL/MDT, MCK, MLEN
–
–
0.2VDD
V
HIGH-level input current
IIH1
FSEL/MDT, MCK, MLEN (Note 1)
VIN = VDD
––1
µA
LOW-level input current
IIL1
FSEL/MDT, MCK, MLEN (Note 1)
VIN = 0V
––
−100
µA
HIGH-level input current
IIH2
XTI, VIN = VDD
–
–
40
µA
LOW-level input current
IIL2
XTI, VIN = 0V
–
–
−40
µA
HIGH-level output voltage
VOH
All outputs. IOH = −2mA
VDD − 0.4
–
–
V
LOW-level output voltage
VOL
All outputs. IOL = 4mA
–
–
0.4
V
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
XTI external input clock frequency
fM
–
27.0000
–
MHz
Output clock rise time
tR
All outputs, 0.2 to 0.8VDD ,
CL = 15pF
–
2.0
–
ns
Output clock fall time
tF
All outputs, 0.8 to 0.2VDD ,
CL = 15pF
–
2.0
–
ns
Output clock jitter
JITTER
All outputs, Standard tolerance,
Crystal oscillator element,
CL = 15pF
–
100
–
ps
Output clock duty1
1. 1.4V to 1.4V. Ta = 20
°C. The characteristics of output clock jitter and output clock duty depends on crystal oscillator.
NPC’s standard crystal oscillator: R = 10.5
Ω, L = 5.38mH, Ca = 6.74fF, Cb = 1.85pF
measurement apparatus: HP4195
Load capacitance: C1 = 7pF, C2 = 11pF
DUTY
All outputs, Crystal oscillator
element, CL = 15pF
45
50
55
%
Settling time
tS
All outputs
–
–
100
ns
Power-up time2
2. Time from OFF condition to stable frequency output.
tP
All outputs
–
15
30
ms
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com