Electronic Components Datasheet Search
  English  ▼

X  

SM8703CV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8703CV
Description  Clock Generator for DVD Players
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703CV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8703CV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SM8703CV
SEIKO NPC CORPORATION —6
Serial Interface AC Characteristics
External clock, Ta = –40 to 85
°C, VDDA = VDD = VDD1 = VDD2 = 3.0 to 3.6V unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
MCK HIGH-level pulsewidth
tMCWH
40
–
–
ns
MCK LOW-level pulsewidth
tMCWL
40
–
–
ns
MCK pulse cycle time
tMCY
100
–
–
ns
MDT setup time
tMDS
40
–
–
ns
MDT hold time
tMDH
40
–
–
ns
MLEN setup time1
1. Time from the MLEN falling edge to the next MCK rising edge. If the MCK clock stops after the LSB, the MLEN rise timing is optional.
tMLS
40
–
–
ns
MLEN hold time2
2. Time from MCK rising edge corresponding to the LSB to the MLEN rising edge.
tMLH
40
–
–
ns
MLEN HIGH-level pulsewidth
tMHH
200
–
–
ns
MLEN LOW-level pulsewidth
tMLL
16
× tMCY
––
ns
MLEN
tMLS
0.5VDD
tMCWL
tMCWH
tMCY
MCK
MDT
MSB
LSB
tMDH
tMDS
tMLH
tMLS
tMHH
tMLL
0.5VDD
0.5VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com