Electronic Components Datasheet Search
  English  ▼

X  

SM8703CV Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8703CV
Description  Clock Generator for DVD Players
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703CV Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8703CV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM8703CV
SEIKO NPC CORPORATION —7
FUNCTIONAL DESCRIPTION
27MHz Master Clock
The 27MHz master clock is generated either by connecting a crystal oscillator element between XTI (pin 8)
and XTO (pin 9), as shown in figure 1, or by connecting an external 27MHz clock to XTI, as shown in figure 2.
The crystal oscillator element must be used in fundamental frequency mode.
Figure 1. Crystal oscillator connection
Figure 2. External clock input
Oscillator
Internal
Circuits
XTI (Pin8)
XTO (Pin9)
MO2 (Pin24)
MO1 (Pin3)
SM8703CV
C2
C1
C1, C2 = 5 to 33pF
Oscillator
Internal
Circuits
XTI (Pin8)
XTO (Pin9)
MO2 (Pin24)
MO1 (Pin3)
SM8703CV
Open
External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com