Electronic Components Datasheet Search
  English  ▼

X  

SM8703CV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8703CV
Description  Clock Generator for DVD Players
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703CV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8703CV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703CV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM8703CV
SEIKO NPC CORPORATION —1
Clock Generator for DVD Players
OVERVIEW
The SM8703CV is a 27MHz master clock, 5-system output clock generator for DVD players. It has 2 built-in
PLLs that, with the addition of a single crystal oscillator element, can generate 384fs, 512fs and 768fs clocks
which are necessary for MPEG2 systems, plus independent fixed-frequency 27MHz and 33.8688MHz output
clocks. Each output has an output disable function, when the output is not used, to suppress unwanted radia-
tion. Also, the normal output frequency ratio between each output is maintained so that the visual and audio
signals remain synchronized. Supported sampling frequencies (fs) include 44.1 and 48kHz.
FEATURES
I
27MHz master clock (internal PLL reference clock)
I
Generated clocks
• 27MHz output
• 33.8688MHz output
• 384fs output
• 512fs output
• 768fs output
I
Sampling frequency fs
• 44.1/48kHz
I
Output disable function
I
Low jitter output: 100ps (typ, 15pF load)
I
Supply voltage: 3.3V
I
24-pin VSOP package
APPLICATIONS
I
DVD players
I
Set-top boxes
I
MPEG2 systems
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Weight: 0.1g
Device
Package
SM8703CV
24-pin VSOP
VDD
VSS
MO1
MCK
MLEN
VDDA
VSSA
MO2
FSEL/MDT
SO5
RSV
SO2
VDD1
VSS1
XTI
RSV
XTO
RSV
SO3
SO4
1
12
13
24
RSV
SO1
VDD2
VSS2
7.8 ± 0.1
0.65
0.22
− 0.05
+ 0.1
0.13 M
0.1
0.15
− 0.02
+ 0.05
0 to 10


Similar Part No. - SM8703CV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
More results

Similar Description - SM8703CV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
DVD Player Clock Generator
SM8706A NPC-SM8706A Datasheet
100Kb / 8P
Clock Generator for DVD Players
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
5-channel driver for CD/DVD players
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
DVD PROCESSOR FOR LOW COST DVD PLAYERS
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
Single-chip LSI for DVD players
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
Clock generator for DVD
logo
Rohm
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
Power Driver For DVD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
CMOS BTL Drivers for DVD players
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
Power Driver For DVD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com