Electronic Components Datasheet Search
  English  ▼

X  

TLV2621 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2621
Description  FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2621 Datasheet(HTML) 4 Page - Texas Instruments

  TLV2621 Datasheet HTML 1Page - Texas Instruments TLV2621 Datasheet HTML 2Page - Texas Instruments TLV2621 Datasheet HTML 3Page - Texas Instruments TLV2621 Datasheet HTML 4Page - Texas Instruments TLV2621 Datasheet HTML 5Page - Texas Instruments TLV2621 Datasheet HTML 6Page - Texas Instruments TLV2621 Datasheet HTML 7Page - Texas Instruments TLV2621 Datasheet HTML 8Page - Texas Instruments TLV2621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
over operating free-air temperature range (unless otherwise noted)(1)
VDD
Supply voltage (2)
6 V
VID
Differential input voltage
±V
DD
VI
Input voltage range (2)
+1 to VDD + 0.2 V
II
Input current (any input)
± 10 mA
IO
Output current
±40 mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range: I-suffix
-40
°C to 125°C
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
θ
JC
θ
JA
TA ≤ 25°C
TA = 125°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
POWER RATING
D (8)
38.3
176
710 mW
142 mW
D (14)
26.9
122.3
1022 mW
204.4 mW
D (16)
25.7
114.7
1090 mW
218 mW
DBV (5)
55
324.1
385 mW
77.1 mW
DBV (6)
55
294.3
425 mW
85 mW
DGK (8)
54.2
259.9
481 mW
96.1 mW
DGS (10)
54.1
259.7
485 mW
97 mW
N (14, 16)
32
78
1600 mW
320.5 mW
P (8)
41
104
1200 mW
240.4 mW
PW (14)
29.3
173.6
720 mW
144 mW
PW (16)
28.7
161.4
774 mW
154.9 mW
MIN
MAX
UNIT
Single supply
2.7
5.5
VDD
Supply voltage
V
Split supply
±1.35
±2.75
VICR
Common-mode input voltage range
1
VDD+0.2
V
TA
Operating free-air temperature
I-suffix
-40
125
°C
VIL
0.4
Shutdown on/off voltage level(1)
V
VIH
2
(1)
Relative to GND.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com