Electronic Components Datasheet Search
  English  ▼

X  

TLV2621 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2621
Description  FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2621 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2621 Datasheet HTML 4Page - Texas Instruments TLV2621 Datasheet HTML 5Page - Texas Instruments TLV2621 Datasheet HTML 6Page - Texas Instruments TLV2621 Datasheet HTML 7Page - Texas Instruments TLV2621 Datasheet HTML 8Page - Texas Instruments TLV2621 Datasheet HTML 9Page - Texas Instruments TLV2621 Datasheet HTML 10Page - Texas Instruments TLV2621 Datasheet HTML 11Page - Texas Instruments TLV2621 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
5
10
15
20
25
30
35
40
45
VDD = 2.7 V
TA = 25°C
TA = 0°C
TA = −40°C
TA = 125°C
TA = 70°C
IOL − Low-Level Output Current − mA
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
5
10
15
20
25
30
35
40
45
VDD = 2.7 V
IOH − High-Level Output Current − mA
TA = 25°C
TA = 0°C
TA = −40°C
TA = 125°C
TA = 70°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40 50
60
70
80
90 100
TA = 25°C
TA = 0°C
TA = −40°C
VDD = 5 V
IOH − High-Level Output Current − mA
TA = 125°C
TA = 70°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40 50
60
70
80
90 100
VDD = 5 V
IOL − Low-Level Output Current − mA
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = −40°C
0
100
200
300
400
500
600
700
800
900
1000
−40 −25 −10 5
20 35 50 65 80 95 110 125
AV= 1
VIC = VDD/2
TA − Free-Air Temperature − °C
VDD = 5 V
VDD = 2.7 V
0
100
200
300
400
500
600
700
800
900
1000
1100
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
AV= 1
VIC = VDD/2
VDD − Supply Voltage − V
TA = −40°C
TA = 0°C
TA = 125°C
TA = 70°C
TA = 25°C
0
1
2
3
4
5
6
−10
0
10
20
30
40
50
60
70
80
90
100
110
120
f − Frequency − Hz
10
1k
10M
10k
100k
100
1M
150
120
90
60
30
0
−30
−60
−90
Gain
Phase
180
VDD = 2.7 V and 5 V
RL= 2 kΩ
CL = 10 pF
TA = 25° C
0
10
20
30
40
50
60
70
80
90
100
VDD = 2.7 V and 5 V
TA = 25° C
f − Frequency − Hz
10
1k
10M
10k
100k
100
PSSR
+
PSSR−
1M
0
1
2
3
4
5
6
7
8
9
10
11
12
−40 −25 −10 5
20 35 50 65 80 95 110 125
TA − Free-Air Temperature − °C
VDD = 5 V
VDD = 2.7 V
RL = 2 kΩ
CL = 10 pF
f = 10 kHz
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
LOW-LEVEL OUTPUT VOLTAGE
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
LOW-LEVEL OUTPUT CURRENT
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
DIFFERENTIAL VOLTAGE
POWER SUPPLY REJECTION RATIO
AMPLIFICATION AND PHASE
GAIN-BANDWIDTH PRODUCT
vs
vs
vs
FREQUENCY
FREQUENCY
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com