Electronic Components Datasheet Search
  English  ▼

X  

TLV2621 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2621
Description  FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2621 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2621 Datasheet HTML 1Page - Texas Instruments TLV2621 Datasheet HTML 2Page - Texas Instruments TLV2621 Datasheet HTML 3Page - Texas Instruments TLV2621 Datasheet HTML 4Page - Texas Instruments TLV2621 Datasheet HTML 5Page - Texas Instruments TLV2621 Datasheet HTML 6Page - Texas Instruments TLV2621 Datasheet HTML 7Page - Texas Instruments TLV2621 Datasheet HTML 8Page - Texas Instruments TLV2621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
Operational Amplifier
+
−
−10
0
10
20
30
40
50
60
70
80
90
100
110
120
f − Frequency − Hz
10
1k
10M
10k
100k
100
1M
150
120
90
60
30
0
−30
−60
−90
DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE
vs
FREQUENCY
Gain
Phase
180
VDD = 2.7 V and 5 V
RL= 2 kΩ
CL = 10 pF
TA = 25° C
DESCRIPTION
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
•
CMOS Rail-To-Rail Output
•
VICR Includes Positive Rail
•
Wide Bandwidth . . . 11 MHz
•
Slew Rate . . . 10 V/µs
•
Supply Current . . . 800 µA/Channel
•
Input Noise Voltage . . . 27 nV/
√Hz
•
Ultralow Power-Down Mode:
IDD(SHDN) = 4 µA/Channel
•
Supply Voltage Range . . . 2.7 V to 5.5 V
•
Specified Temperature Range:
-40
°C to 125°C . . . Industrial Grade
•
Ultrasmall Packaging:
5 or 6 Pin SOT-23 (TLV2620/1)
8 or 10 Pin MSOP (TLV2622/3)
•
Universal Opamp EVM (See SLOU060 for More
Information)
The TLV262x single supply operational amplifiers provide rail-to-rail output with an input range that includes the
positive rail. The TLV262x takes the minimum operating supply voltage down to 2.7 V over the extended
industrial temperature range (-40
°C to 125°C) while adding the rail-to-rail output swing feature. The TLV262x
also provides 11-MHz bandwidth from only 800 µA of supply current. The maximum recommended supply
voltage is 5.5 V, which, when coupled with a 2.7-V minimum, allows the devices to be operated from lithium ion
cells. The combination of wide bandwidth, low noise, and low distortion makes it ideal for high speed and high
resolution data converter applications. The positive input range allows it to directly interface to positive rail
referred systems. All members are available in PDIP and SOIC with the singles in the small SOT-23 package,
duals in the MSOP, and quads in the TSSOP package.
The 2.7-V operation makes it compatible with Li-Ion powered systems and the operating supply voltage range of
many micro-power micro-controllers available today including TI's MSP430.
AMPLIFIER SELECTION TABLE
VDD
IDD/ch
VIO
IIB
VICR
GBW
SLEW RATE
Vn, 1 kHz
IO
SHUT-
DEVICE
[V]
[µA]
[µV]
[pA]
[V]
[MHz]
[V/µs]
[nV/
√Hz]
[mA]
DOWN
TLV262x
2.7-5.5
750
250
1
1 V to VDD + 0.2
11
10
27
28
Y
TLV263x
2.7-5.5
750
250
1
GND to VDD - 0.8
10
9
27
28
Y
TLV278x
1.8-3.6
650
250
2.5
-0.2 to VDD + 0.2
8
5
9
10
Y
TLC07x
4.5 - 16
1900
60
1.5
0.5 to VDD - 0.8
10
19
7
55
Y
TLC08x
4.5 - 16
1900
60
3
GND to VDD - 1
10
19
8.5
55
Y
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV2621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2621ID TI-TLV2621ID Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2621IDBV TI-TLV2621IDBV Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2621IDBVR TI-TLV2621IDBVR Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2621IDBVT TI-TLV2621IDBVT Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2621IDR TI-TLV2621IDR Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC070 TI-TLC070 Datasheet
1Mb / 48P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLV2620 TI-TLV2620 Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC080A TI-TLC080A Datasheet
1Mb / 52P
FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLV2632 TI-TLV2632 Datasheet
794Kb / 24P
FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com