Electronic Components Datasheet Search
  English  ▼

X  

385A Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 385A
Description  Timer/Counter with Memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

385A Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  385A Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 3Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 4Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
113
Automatic Timing & Controls
800.727.5646
atcdiversified.com
PRESET SETUP
DIP SWITCH SETUP
4 MODES OF OPERATION
After you have setup the Controller by programming the DIP switches
you must first set DIP switch (8) on the right bank to program mode,
this allows you to set the presets 1, 2 and 3, in seconds, minutes, or
hours. You must press the “select” button to choose the preset to se-
lect. To choose the time range you must select the timing bar ”
“ and
scroll to your time range. The seconds
range is indicated by the
timing bar in the top position, the min-
utes in the middle position and hours
in the bottom position, when used as a counter it will display as a “
”.
After each selection is made you must press the “enter” button.
Preset 3 can be set up as a count or time input regardless if it is set up
as a counter or a timer/counter in Flip-Flop with batch mode.
When setup as a standard timer (DIP switches 2 and 3 up on left bank)
you may program the decimal point by scrolling past the left digit and
press the up scroll button, this will place the decimal point in the 2 pos-
sible places, when finished press the “enter” button and set back to run
mode. When the 385 is in the run mode the time from each preset can
only be adjusted in the time range with the decimal position you chose
while in the program mode.
For users who wish to have no changes allowed in the run mode – see
DIP switch setup.
385
Seconds
Minutes
Hours
Up= Counter
Dn= Timer
Up= Counter or Standard Timer
Dn= Minutes:Seconds (Timer Only)
Up= Counter or Standard Timer
Dn= Hours:Minutes (Timer Only)
1
2
3
4
5
Display preset 1 (PS1)
Display preset 2 (PS2)
Display preset 3 (PS3)
Display preset 4 Totalizer (PS4)
Up= Count/Time Down
Dn= Count/Time Up
Up= Changes in run mode allowed
Dn= No Changes in run mode allowed
Up= (Normal) X 1
Dn= X 10 prescaler (Counter Only)
6
7
8
Up
Up
Up
Dn
Dn
Up
Dn
Dn
Up= Non-Memory (reset on power failure)
Dn= Memory (no reset on power failure)
Up= Repeat Cycle
Dn= Single Cyle
1
2
3
4
5
6
Up= Momentary Start
Dn= Sustained Start
Up= Voltage Start (close to start, open to reset)
Dn= No Voltage Start (open to start, close to reset)
Up
Up
Up
Dn
Dn
Up
Dn
Dn
Relay Arrangement # 1
Relay Arrangement # 2
Flip Flop with Dwell
Flip Flop with Batch
7
8
Up= Program Mode
Dn= Run Mode
LEFT SWITCH
RIGHT SWITCH
Up= Normal Operation
Dn= Self Test (Displays all 8’s)
1
2
3
RELAY 1
RELAY 2
PRESETS
START
RELAY ARRANGEMENT 1
Relay 1 energizes before Relay 2 and remains
energized when Relay 2 energizes. Both relays
drop out simultaneously.
A
B
2*
1
2
3
RELAY 1
RELAY 2
PRESETS
START
RELAY ARRANGEMENT 2
Relay 1 energizes before Relay 2 and drops out
when Relay 2 energizes.
A
2*
1
2
RELAY 1
RELAY 2
PRESETS
START
FLIP FLOP TIMER OR
COUNTER WITH BATCH
Relay 1 energizes at start and drops out when Relay 2
energizes. Stops at Preset 3 (Batch)
1
2
RELAY 1
RELAY 2
PRESETS
START
FLIP FLOP TIMER OR COUNTER WITH
DWELL SIMILAR TO ATC (306) ACTION
Relay 1 energizes at start then has a dwell (Preset 3)
Relay 2 then energizes and drops out. Cycle can
repeat or cycle once.
3
3
A = Preset 2 - Preset 1 B = Preset 1 + Preset 3
The Timer/Counter will repeat until it reaches the set
count or time (Preset 3).
For a standard Flip-Flop timer / counter set Preset 3 to “0".
A = Preset 2 - Preset 1
*Note: Relay arrangement 1 and 2 are shown in single cycle only, when used in repeat cycle the relationship between the relays changes,
the process restarts after preset 2. The microprocessor automatically calibrates the timer for 50 or 60Hz power operation, there are no
switches or jumpers to set.
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com