Electronic Components Datasheet Search
  English  ▼

X  

385A Datasheet(PDF) 4 Page - Automatic Timing & Controls, Inc.

Part # 385A
Description  Timer/Counter with Memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

385A Datasheet(HTML) 4 Page - Automatic Timing & Controls, Inc.

  385A Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 3Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 4Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
115
Automatic Timing & Controls
800.727.5646
atcdiversified.com
WIRING
L2
L1
14
13
12
11
10
9
8
7
1
2
3
4
5
6
15
16
Start
*
REAR OF HOUSING
WHEN
PANEL MOUNTED
Integrate Time or
Pulse to Count
*
The start switch can be a voltage or no voltage
start and can be sustained or momentary.
8
6
7
9
14
10
16
2
1
15
3
4
5
13
11
12
Power
Supply
Clock
Relay 2
Relay 1
Enable
TERMINAL WIRING
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com