Electronic Components Datasheet Search
  English  ▼

X  

385A Datasheet(PDF) 3 Page - Automatic Timing & Controls, Inc.

Part # 385A
Description  Timer/Counter with Memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

385A Datasheet(HTML) 3 Page - Automatic Timing & Controls, Inc.

  385A Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 3Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 4Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
114
OPERATION
FUNCTIONS: To use the 385 you must apply power to terminals
16 and 2, terminal 1 is the start/reset or momentary start input
terminal. You must also apply voltage to terminal 15 (clock/count
input) to start timing or place a count, if power is removed from
terminal 15 when you are timing the 385 will stop where it is
and continue when power is reapplied to terminal 15. The 385
was designed to replace most of the functions of the ATC model
375. Most of these functions can be done with the relay arrange-
ment 1 and 2 modes of operation. The arrangement 3 mode was
not implemented, and most arrangement 3 applications can be
done with the flip-flop mode of operation. The 385 can function
as a ON-Delay or OFF-Delay timer or counter in arrangement 1,
(ATC model 365, 366) to allow this, preset 1 and preset 3 must
be set to 999 hours, the 385 will interpret this as infinite time
and display as “INF”. Preset 2 will be the set time and allow a
setting of 999 hours. Relay 1 will act as an instantaneous relay,
and Relay 2 as a delayed relay. The 385 when set as a standard
timer operates in hours, minutes, and seconds with a movable
decimal point, also the 385 can operate in hours:minutes and
minutes:seconds with a maximum setting of 99:59 (see DIP
SWITCH SETUP).
NEW MODES OF OPERATION: The 385 can perform as a Flip-Flop
timer or counter with batch. Preset 1 is the first set time and Pre-
set 2 is the second set time. Preset 3 is the batch, which it stops
at after a certain number of flip-flop cycles up to 999, or stops at
any desired time. In this mode you cannot use the hours:minutes
and minutes:seconds operation. The other new mode of opera-
tion is the Flip-Flop timer or counter with dwell. This is the mode
to be used when a standard Flip-Flop is needed. This new mode
is designed to have a first set time (Preset 1) then a dwell time
(Preset 3) followed by the second set time (Preset 2), when used
in repeat cycle there is a dwell after Preset 2 also. To use as a
standard Flip-Flop set the dwell time to “0”. All of the modes can
be set for a voltage or no voltage start, momentary or sustained
start, and repeat or single cycles.
THE DISPLAY: A highly visible dual display consists of three
digits with a movable decimal point or four digits for counting.
There is a horizontal timing bar “
” which appears to the
right of the upper display and blinks once per second during
timing. This is very useful in showing that the timer is timing
especially when the digits do not change rapidly as in the hours
ranges. The timing bar blinks rapidly at time-out as well. The
lower display is DIP switch selectable to display the preset time
or counts for any one of the four presets, and the upper display
will show that presets cycle progress.
UNDERSTANDING THE PRESETS: There are three program-
mable presets, Preset 1, Preset 2, and Preset 3. There is a
totalizer for each mode of operation, this preset is designated
Preset 4. This preset is for display only and increments a count
at the end of each cycle, to reset the totalizer to zero you must
go into programming mode (see DIP SWITCH SETUP) and set all
four digits to zero. Once the totalizer reaches 9999 it will go to
E000, the maximum count is E999 which actually has a count
value of 10999. When changing or setting a preset in run mode,
the display will revert back to the running time after a button
has not been used for 10 seconds.
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com