Electronic Components Datasheet Search
  English  ▼

X  

385A Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 385A
Description  Timer/Counter with Memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

385A Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  385A Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 3Page - Automatic Timing & Controls, Inc. 385A Datasheet HTML 4Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
112
MODEL NUMBER
385A
500
Q 50 P
RANGE
500
VOLTAGE & FREQUENCY
120 VAC 50-60 Hz
Q
FUNCTION
Programmable
50
FEATURES
Basic plug-in unit
P
Standard unit
X
Special
K
ACCESSORIES:
Surface mounting bracket kit
353-260-27-00
Timer/Counter with Memory
120 VAC Only
In the timer mode, the 385 can be programmed to cover the overall
span of 0.01 SEC to 999 HR in nine ranges, and can be programmed to
time in Hours:Minutes and Minutes:Seconds. In the counter mode, it can
cover the overall span of 1 to 99,900 counts in two ranges.
MULTIPLE RELAY ACTIONS: The relationship between the 385’s two
DPDT relays, Relay 1 and Relay 2 can be programmed for any of the four
modes of operation to satisfy virtually any control scheme.
MULTIPLE STARTING OPTIONS: The 385 can be easily programmed to
start with a momentary or sustained start signal. The start signal can
also be set for a voltage or no voltage starting condition.
NEW TIMING AND COUNTING MODES: The 385 has two new modes of
operation. The flip-flop timer/counter with batch, which can be pro-
grammed to function as a flip-flop that will stop after a certain number
of cycles or a time span. The other new flip-flop function is a standard
flip-flop with a programmable dwell between the relays.
DISPLAY: The display is an LED dual display which can be programmed
to run UP to or DOWN from the set point. The lower display shows the
preset selected to view and the upper display shows the cycle progress.
NON-VOLATILE MEMORY: The 385 retains its entire program and preset
time/count periods even when there is a loss of power. No batteries are
required.
REAL-TIME COMPUTATIONS: The 385’s microcomputer instantly recom-
putes time/count-out when there is a change in the set point during a
cycle. This allows you to shorten a cycle without loss of accuracy.
COMPACT, PLUG-IN AND DUST-TIGHT: Packaged in a 72mm2 DIN
housing, the 385 takes 40% less panel space than conventional timers.
A true plug-in design, it can be replaced in seconds without disturbing
housing or wiring. Fully gasketed and sealed, it is dust tight in panel
mounted installations. SETUP: Setup of the 385 is accomplished using
16 DIP switches which are located inside the unit. These DIP switches
give a visual indication of how the Controller is setup, and eliminates the
use of complex programming codes.
• EEPROM Memory
• Easy DIP Switch Setup
• Three Adjustable Presets with Internal Cycle Totalizer
• Dual LED Display with Cycle Progress
• Selectable SEC, MIN, or HRS Ranges
• Nine Timing Ranges 0 to 9.99, 99.9, 999, or HR:MIN,
MIN:SEC to 99:59
• Two Counting Ranges 0 to 9999 or 10 to 99990
• Multiple Starting Options
• Dual DPDT Relays Rated at 7A @ 120 or 240 VAC
• 50-60 Hz
DIMENSIONS (INCHES/MILLIMETERS)
MODEL NUMBER
E48329
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 385A

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
385AR ATC-385AR Datasheet
395Kb / 1P
Multifunction, Multi Range Timer Counter
385AR-100-T5X ATC-385AR-100-T5X Datasheet
395Kb / 1P
Multifunction, Multi Range Timer Counter
logo
RUBYCON CORPORATION
385AXF100M30X20 RUBYCON-385AXF100M30X20 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
385AXF120M30X20 RUBYCON-385AXF120M30X20 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
385AXF150M35X20 RUBYCON-385AXF150M35X20 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 385A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
Timer Counter
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
Programmable Timer/Counter
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
Multifunction Timer/Counter with
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
Multifunction Timer/Counter with
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
Timer, Counter
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com