Electronic Components Datasheet Search
  English  ▼

X  

TPD1044F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD1044F
Description  Low-Side Switch for Motor, Solenoid and Lamp Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1044F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD1044F Datasheet HTML 1Page - Toshiba Semiconductor TPD1044F Datasheet HTML 2Page - Toshiba Semiconductor TPD1044F Datasheet HTML 3Page - Toshiba Semiconductor TPD1044F Datasheet HTML 4Page - Toshiba Semiconductor TPD1044F Datasheet HTML 5Page - Toshiba Semiconductor TPD1044F Datasheet HTML 6Page - Toshiba Semiconductor TPD1044F Datasheet HTML 7Page - Toshiba Semiconductor TPD1044F Datasheet HTML 8Page - Toshiba Semiconductor TPD1044F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPD1044F
2007-10-02
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS(DC)
41
V
Drain current
ID
Internally Limited
A
Input voltage
VIN
−0.3~7
V
Power dissipation (Note 3)
PD
0.9
W
Single pulse active clamp capability (Note 4)
EAS
125
mJ
Active clamp current
IAR
1
A
Repetitive active clamp capability (Note 5)
EAR
0.09
mJ
Operating temperature
Topr
−40~125
°C
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(Note 3)
Rth (ch-a)
138.9
°C/W
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 3:
Drive operation: Mounted on glass epoxy board [25.4mm
× 25.4mm × 0.8mm]
Note 4: Active clamp capability (single pulse) test condition
VDD = 40 V, Tch = 25°C(initial), L = 50 mH, IAR = 1 A, RG = 25 Ω
Note 5: Repetitive rating, pulse width limited by maximum channel temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com