Electronic Components Datasheet Search
  English  ▼

X  

TPD1044F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD1044F
Description  Low-Side Switch for Motor, Solenoid and Lamp Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1044F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD1044F Datasheet HTML 1Page - Toshiba Semiconductor TPD1044F Datasheet HTML 2Page - Toshiba Semiconductor TPD1044F Datasheet HTML 3Page - Toshiba Semiconductor TPD1044F Datasheet HTML 4Page - Toshiba Semiconductor TPD1044F Datasheet HTML 5Page - Toshiba Semiconductor TPD1044F Datasheet HTML 6Page - Toshiba Semiconductor TPD1044F Datasheet HTML 7Page - Toshiba Semiconductor TPD1044F Datasheet HTML 8Page - Toshiba Semiconductor TPD1044F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPD1044F
2007-10-02
1
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1044F
Low-Side Switch for Motor, Solenoid and Lamp Drive
The TPD1044F is a low-side switch.
The IC has a vertical MOSFET output which can be directly
driven from a CMOS or TTL logic circuit (e.g., an MPU). The IC
is equipped with intelligent self-protection functions.
Features
• A monolithic power IC with a new structure combining a
control block and a vertical power MOSFET (L2-
π-MOSⅤ) on
single chip.
• Can directly drive a power load from a CMOS or TTL logic.
• Built-in protection circuits against overvoltage (active clamp),
overtemperature (thermal shutdown), and overcurrent
(current limiter).
• Low Drain-Source ON-resistance: RDS (ON) = 0.6 Ω (max) (@VIN = 5 V, ID = 0.5 A, Tch = 25°C)
• Low Leakage Current: IDSS = 10 μA (max) (@VIN = 0 V, VDS = 30 V, Tch = 25°C)
• Low Input Current: IIN = 300 μA (max) (@VIN = 5 V, Tch = 25°C)
• “PS-8” package with embossed-tape packing.
Pin Assignment (top view)
Marking
Note 1: Due to its MOS structure, this product is sensitive to static electricity.
SON8-P-0303-0.65
Weight: 0.017 g (typ.)
1044F
※
Part No. (or abbreviation code)
Lot No.
DRAIN
DRAIN
IN
SOURCE
1
2
3
4
8
7
6
5
DRAIN
DRAIN
DRAIN
DRAIN
(TOP VIEW)
※ Lot No.
Week of manufacture
(01 for first week of year; continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)


Similar Part No. - TPD1044F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1044F TOSHIBA-TPD1044F_13 Datasheet
298Kb / 10P
Low-Side Switch for Motor, Solenoid and Lamp Drive
More results

Similar Description - TPD1044F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
01-Mar-2000
TPD1028AS TOSHIBA-TPD1028AS Datasheet
244Kb / 7P
Low-side switch for motor, solenoid and lamp drive
04-Mar-1999
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
17-Feb-2000
TPD1037BS TOSHIBA-TPD1037BS_07 Datasheet
180Kb / 8P
Low-Side Switch for Motor, Solenoid and Lamp Drive
28-Mar-2007
TPD1039S TOSHIBA-TPD1039S Datasheet
212Kb / 9P
Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1044F TOSHIBA-TPD1044F_13 Datasheet
298Kb / 10P
Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1058FA TOSHIBA-TPD1058FA Datasheet
739Kb / 15P
Low-Side Switch for Solenoid, Motor and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com