Electronic Components Datasheet Search
  English  ▼

X  

TPD1044F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPD1044F
Description  Low-Side Switch for Motor, Solenoid and Lamp Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1044F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD1044F Datasheet HTML 1Page - Toshiba Semiconductor TPD1044F Datasheet HTML 2Page - Toshiba Semiconductor TPD1044F Datasheet HTML 3Page - Toshiba Semiconductor TPD1044F Datasheet HTML 4Page - Toshiba Semiconductor TPD1044F Datasheet HTML 5Page - Toshiba Semiconductor TPD1044F Datasheet HTML 6Page - Toshiba Semiconductor TPD1044F Datasheet HTML 7Page - Toshiba Semiconductor TPD1044F Datasheet HTML 8Page - Toshiba Semiconductor TPD1044F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPD1044F
2007-10-02
5
Electrical Characteristics(Ta = 25℃)
Characteristics
Symbol
Test
circuit
Test condition
Min
Typ.
Max
Unit
Drain-source clamp voltage
V (CL) DSS
-
VIN = 0 V,ID = 1 mA
41
-
60
V
Input threshold voltage
Vth
-
VDS = 13 V,ID = 10 mA
1.0
-
2.8
V
Protective circuit operation input
voltage range
VIN (opr)
-
-
3
-
6
V
Drain cut-off current
IDSS
-
VIN = 0 V,VDS = 30 V
-
-
10
μ
A
IIH (1)
-
VIN = 5 V, at normal operation
-
-
300
Input current
IIH (2)
-
VIN = 5 V, when overcurrent
protective circuit is actuated
-
-
350
μ
A
Drain-source on resistance
RDS (ON)
-
VIN = 5 V, ID = 0.5 A
-
0.44
0.6
Ω
Overtemperature detection
TOT
-
VIN = 5 V
150
160
-
°C
Overcurrent detection
IOC
1
VIN = 5 V
1.0
1.8
-
A
ton
-
10
-
Switching time
toff
2
VDD = 13 V,VIN = 0 V/5 V, ID = 0.5 A
-
15
-
μ
s
Test circuit 1
Overcurrent measuring circuit
Test circuit
Measured waveforms
Test circuit 2
Switching time measuring circuit
Test circuit
Measured waveforms
13 V
5 V
toff
ton
90%
90%
10%
10%
VDS
VIN
V
VDD=13V
ID=0.5A
P.G.
TPD1044F
VDS
VIN
DRAIN
IN
SOURCE
IOC
ID
RL
RL large
0
RL small
VDD=13V
ID
TPD1044F
DRAIN
IN
SOURCE
RL
VIN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com