Electronic Components Datasheet Search
  English  ▼

X  

TPD1044F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPD1044F
Description  Low-Side Switch for Motor, Solenoid and Lamp Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1044F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD1044F Datasheet HTML 2Page - Toshiba Semiconductor TPD1044F Datasheet HTML 3Page - Toshiba Semiconductor TPD1044F Datasheet HTML 4Page - Toshiba Semiconductor TPD1044F Datasheet HTML 5Page - Toshiba Semiconductor TPD1044F Datasheet HTML 6Page - Toshiba Semiconductor TPD1044F Datasheet HTML 7Page - Toshiba Semiconductor TPD1044F Datasheet HTML 8Page - Toshiba Semiconductor TPD1044F Datasheet HTML 9Page - Toshiba Semiconductor TPD1044F Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TPD1044F
2007-10-02
8
rth-tw
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
パルス幅 tw  (s)
25.4×25.4×0.8(mm)
ガラ スエポキシ基板実装時
単発パルス
Pulse width tW (s)
rth(ch-a) – tw
Mounted on glass epoxy board
[25.4mm
× 25.4mm × 0.8mm]
Measuring single pulse, Ta=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com