Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348F Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 16Page - Texas Instruments TMUX7348F Datasheet HTML 17Page - Texas Instruments TMUX7348F Datasheet HTML 18Page - Texas Instruments TMUX7348F Datasheet HTML 19Page - Texas Instruments TMUX7348F Datasheet HTML 20Page - Texas Instruments TMUX7348F Datasheet HTML 21Page - Texas Instruments TMUX7348F Datasheet HTML 22Page - Texas Instruments TMUX7348F Datasheet HTML 23Page - Texas Instruments TMUX7348F Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
6.10 Typical Characteristics
at TA = 25°C, VDD = 15V, and VSS = –15V (unless otherwise noted)
VS or VD - Source or Drain Voltage (V)
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
0
200
400
600
800
1000
1200
1400
1600
1800
VDD = 13.5 V, VSS = -13.5 V
VDD = 15 V, VSS = -15 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 18 V, VSS = -18 V
VDD = 20 V, VSS = -20 V
VDD = 22 V, VSS = -22 V
Dual Supply Voltages
Figure 6-1. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
100
140
180
220
260
300
340
380
420
VDD = 13.5 V, VSS = -13.5 V
VDD = 15 V, VSS = -15 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 18 V, VSS = -18 V
VDD = 20 V, VSS = -20 V
VDD = 22 V, VSS = -22 V
Dual Supply Flat RON Region
Figure 6-2. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-10
-6
-2
2
6
10
160
170
180
190
200
210
220
230
240
VDD = 13.5 V, VSS = -13.5 V
VDD = 15 V, VSS = -15 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 18 V, VSS = -18 V
VDD = 20 V, VSS = -20 V
VDD = 22 V, VSS = -22 V
Flattest RON region for all supply voltages shown
Figure 6-3. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
100
150
200
250
300
350
TA = -40C
TA = 25C
TA = 85C
TA = 125C
±15V Supply Flattest RON Region
Figure 6-4. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
100
150
200
250
300
350
TA = -40C
TA = 25C
TA = 85C
TA = 125C
±20V Supply Flattest RON Region
Figure 6-5. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
2
4
6
8
10
12 13.2
0
200
400
600
800
1000
1200
1400
1600
1800
VDD = 7.2V, VSS = 0V
VDD = 8V, VSS = 0V
VDD = 8.8V, VSS = 0V
VDD = 10.8V, VSS = 0V
VDD = 12V, VSS = 0V
VDD = 13.2V, VSS = 0V
Single Supply Voltages
Figure 6-6. On-Resistance vs Source or Drain Voltage
TMUX7348F-EP
SCDS461A – NOVEMBER 2023 – REVISED JANUARY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX7348F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com