Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348F Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 9Page - Texas Instruments TMUX7348F Datasheet HTML 10Page - Texas Instruments TMUX7348F Datasheet HTML 11Page - Texas Instruments TMUX7348F Datasheet HTML 12Page - Texas Instruments TMUX7348F Datasheet HTML 13Page - Texas Instruments TMUX7348F Datasheet HTML 14Page - Texas Instruments TMUX7348F Datasheet HTML 15Page - Texas Instruments TMUX7348F Datasheet HTML 16Page - Texas Instruments TMUX7348F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
6.7 ±20 V Dual Supply: Electrical Characteristics (continued)
VDD = +20 V ± 10%, VSS = –20 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +20 V, VSS = –20 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ISS(FA)
VSS supply current under fault
VS = ± 60 V,
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
0.15
0.5
mA
–40°C to +85°C
0.5
–55°C to +125°C
0.5
IGND(FA)
GND current under fault
VS = ± 60 V,
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
0.15
mA
IFP(FA)
VFP supply current under fault
VS = ± 60 V,
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
9
µA
IFN(FA)
VFN supply current under fault
VS = ± 60 V,
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 5 V or VDD
25°C
9
µA
IDD(DISABLE)
VDD supply current (disable mode)
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 0 V
25°C
0.15
0.5
mA
–40°C to +85°C
0.5
mA
–55°C to +125°C
0.5
mA
ISS(DISABLE)
VSS supply current (disable mode)
VDD = VFP = 22 V, VSS = VFN = –22 V,
VAx = 0 V, 5 V, or VDD, VEN = 0 V
25°C
0.1
0.4
mA
–40°C to +85°C
0.4
mA
–55°C to +125°C
0.4
mA
(1)
When VS is positive,VD is negative. And when VS is negative, VD is positive.
(2)
When VS is at a voltage potential, VD is floating. And when VD is at a voltage potential, VS is floating.
www.ti.com
TMUX7348F-EP
SCDS461A – NOVEMBER 2023 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX7348F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com