Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348F Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 24Page - Texas Instruments TMUX7348F Datasheet HTML 25Page - Texas Instruments TMUX7348F Datasheet HTML 26Page - Texas Instruments TMUX7348F Datasheet HTML 27Page - Texas Instruments TMUX7348F Datasheet HTML 28Page - Texas Instruments TMUX7348F Datasheet HTML 29Page - Texas Instruments TMUX7348F Datasheet HTML 30Page - Texas Instruments TMUX7348F Datasheet HTML 31Page - Texas Instruments TMUX7348F Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
7.3 On-Leakage Current
Source on-leakage current (IS(ON)) and drain on-leakage current (ID(ON)) denote the channel leakage currents
when the switch is in the on state. IS(ON) is measured with the drain floating, while ID(ON) is measured with the
source floating. Figure 7-3 shows the circuit used for measuring the on-leakage currents.
SW
S1
S2
D
VDD VSS
SW
S8
VFP VFN
GND
GND
VS
IS(ON)
IS(ON)
A
GND
VS
N.C.
SW
SW
S1
S2
D
VDD VSS
SW
S8
VFP VFN
GND
GND
ID(ON)
VD
SW
ID(ON)
A
GND
N.C.
VS
Figure 7-3. On-Leakage Measurement Setup
7.4 Input and Output Leakage Current Under Overvoltage Fault
If any of the source pin voltage goes above the fault supplies (VFP or VFN), the overvoltage protection
feature of the TMUX7348F-EP is triggered to turn off the switch under fault, keeping the fault channel in
high-impedance state. IS(FA) and ID(FA) denotes the input and output leakage current under overvoltage fault
conditions, respectively. For ID(FA) the device is disabled to measure leakage current on the drain pin without
being impacted by the 40 kΩ impedance to the fault supply. When the overvoltage fault occurs, the supply (or
supplies) can either be in normal operating condition (Figure 7-4) or abnormal operating condition (Figure 7-5).
During abnormal operating condition, the supply (or supplies) can either be unpowered (VDD= VSS = VFN =
VFP = 0 V) or floating (VDD= VSS = VFN = VFP = No Connection), and remains within the leakage performance
specifications.
IS (FA)
SW
SW
S1
S2
D
SW
S8
GND
A
GND
GND
VD
VS
ID (FA)
A
N.C.
N.C.
IS(FA) / ID(FA)
( |VS| > |VFP + VT| or |VFN - VT| )
VDD
VSS
VFP
VFN
Figure 7-4. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault with
Normal Supplies
TMUX7348F-EP
SCDS461A – NOVEMBER 2023 – REVISED JANUARY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX7348F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com