Electronic Components Datasheet Search
  English  ▼

X  

MP8049S Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8049S
Description  Quad Channel Power Half-Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8049S Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8049S Datasheet HTML 1Page - Monolithic Power Systems MP8049S Datasheet HTML 2Page - Monolithic Power Systems MP8049S Datasheet HTML 3Page - Monolithic Power Systems MP8049S Datasheet HTML 4Page - Monolithic Power Systems MP8049S Datasheet HTML 5Page - Monolithic Power Systems MP8049S Datasheet HTML 6Page - Monolithic Power Systems MP8049S Datasheet HTML 7Page - Monolithic Power Systems MP8049S Datasheet HTML 8Page - Monolithic Power Systems MP8049S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP8049S - 24V, 5.5A QUAD CHANNEL POWER HALF-BRIDGE
MP8049S Rev. 1.01
www.MonolithicPower.com
3
10/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VSP = 12V, VSHDNB = 5V, TA = +25C, unless otherwise specified.
Parameters
Symbol Condition
Min
Typ
Max
Units
VSP Operating Current
ILOAD = 0A,PWM1,2=0
2.2
3.5
mA
VSP Shutdown Current
VSHDN = 0V
24
30
uA
Operating VSP Threshold Low
3.7
4
V
Operating VSP Threshold High
4.4
4.8
V
STBYB Threshold Low
0.8
1.0
V
STBYB Threshold High
1.6
1.8
V
PWM Input Bias Current
0.1
1.0
µA
SHDNB Threshold Low
0.8
1.0
V
SHDNB Threshold High
1.6
1.8
V
PWM1,2 Threshold Low
0.8
1
V
PWM1,2 Threshold High
1.6
1.8
V
SW1/2 On Resistance (5)
VSP = 7V, High-Side and Low-
Side
0.14
Ω
SW1/2 Current Limit (5)
VPWM = 0V, Sinking
5.5
A
VPWM = 5V, Sourcing
5.5
A
SW1/2 Switching Frequency
VPWM = 0 to 5V, 50% Duty Cycle
1
MHz
BST Voltage UVLO
falling value
2.2
V
BST Current
High-Side MOSFET on, VBST-
VSW=5.5V
30
µA
SW1/2 Rise/Fall Time (5)
VPWM = 0V to 5V
5
ns
Minimum PWM Pulse Width
VPWM = 0V to 5V, High or Low
Pulse
30
ns
Dead Time (5)
IOUT= ±100mA
10
ns
PWM1,2 to SW1,2 Delay Time
Rising
VPWM = 0V to 5V
30
ns
PWM1,2 to SW1,2
Delay Time
Falling
VPWM = 5V to 0V
30
ns
Thermal Shutdown Temperature (5)
TJ Rising
160
C
Thermal Shutdown Hysteresis
35
C
Notes:
5) Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com