Electronic Components Datasheet Search
  English  ▼

X  

MP8049S Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8049S
Description  Quad Channel Power Half-Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8049S Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8049S Datasheet HTML 1Page - Monolithic Power Systems MP8049S Datasheet HTML 2Page - Monolithic Power Systems MP8049S Datasheet HTML 3Page - Monolithic Power Systems MP8049S Datasheet HTML 4Page - Monolithic Power Systems MP8049S Datasheet HTML 5Page - Monolithic Power Systems MP8049S Datasheet HTML 6Page - Monolithic Power Systems MP8049S Datasheet HTML 7Page - Monolithic Power Systems MP8049S Datasheet HTML 8Page - Monolithic Power Systems MP8049S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP8049S
24V, 5.5A
Quad Channel Power Half-Bridge
MP8049S Rev. 1.01
www.MonolithicPower.com
1
10/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8049S is a configurable dual channel
full-bridge or quad channel half-bridge that can
be configured as the output stage of a Class-D
audio amplifier. Each full-bridge can be driven
independently as stereo single ended audio
amplifiers or driven complementary in a bridge
tied load (BTL) audio amplifier configuration.
The MP8049S features a low current shutdown
mode, standby mode, input under voltage
protection, current limit, thermal shutdown and
fault flag signal output. All channels of drivers
interface with standard logic signals.
The MP8049S is available in a 40 lead QFN
5X5 package.
FEATURES
 5V to 26V VDD
 ±5.5A Peak Current Output
 Up to 1MHz Switching Frequency
 Protected Integrated Power 0.14Ω Switches
 10ns Switch Dead Time
 All Switches Current Limited
 Internal Under Voltage Protection
 Internal Thermal Protection
 Short-circuit Protection
 Fault Output Flag
 Bridge
Tied
Load
Output
Power:
37W/Channel at 24V, 8Ω
APPLICATIONS
 Flat TV
 Home Theaters
 DVD Receivers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP8049S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8049S MPS-MP8049S Datasheet
603Kb / 12P
24V, 5.5A Quad Channel Power Half-Bridge
MP8049SDU MPS-MP8049SDU Datasheet
603Kb / 12P
24V, 5.5A Quad Channel Power Half-Bridge
More results

Similar Description - MP8049S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
40V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
Monolithic Power System...
MP8049S MPS-MP8049S Datasheet
603Kb / 12P
24V, 5.5A Quad Channel Power Half-Bridge
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
22V, 4A Quad Channel Power Half-Bridge
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
16V, 3.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com