Electronic Components Datasheet Search
  English  ▼

X  

MP8049S Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8049S
Description  Quad Channel Power Half-Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8049S Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8049S Datasheet HTML 4Page - Monolithic Power Systems MP8049S Datasheet HTML 5Page - Monolithic Power Systems MP8049S Datasheet HTML 6Page - Monolithic Power Systems MP8049S Datasheet HTML 7Page - Monolithic Power Systems MP8049S Datasheet HTML 8Page - Monolithic Power Systems MP8049S Datasheet HTML 9Page - Monolithic Power Systems MP8049S Datasheet HTML 10Page - Monolithic Power Systems MP8049S Datasheet HTML 11Page - Monolithic Power Systems MP8049S Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP8049S - 24V, 5.5A QUAD CHANNEL POWER HALF-BRIDGE
MP8049S Rev. 1.01
www.MonolithicPower.com
10
10/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP8049S is a quad channel power half-
bridge driver that can be configured as the output
of a Class D amplifier. The output is in phase
with the input and the dead time is optimized for
symmetrical performance, regardless of load
conditions.
When the shutdown (SHDN) pin is low, all
channels will be off. When the standby (STBYB)
is pulled low, it causes the outputs of all channels
to go into high impedance. However, when the
voltage
across
the
BST1A/1B/2A/2B
and
SW1A/1B/2A/2B pins drops sufficiently low, the
bottom MOSFET will be turned on to refresh the
external bootstrap capacitor. Suggest connect a
0.1μF or greater capacitor between BST and SW
pins as the bootstrap capacitor.
In order to prevent erratic operation, two under
voltage lockout (UVLO) circuits are used. One of
them is to ensure that the supply for the bottom
gate drive circuit is sufficiently high and the other
is for the top gate driver.
Fault Protection
To protect the power MOSFETs, an internal
current limit of 5.5A is set for all MOSFETs.
When this limit is reached, all four MOSFETs of
the over current full bridge channel will go into
high
impedance
for
a
fixed
duration
of
approximately 30us before resuming normal
operation.
Thermal monitoring is also integrated into the
MP8049S. If the die temperature rises above
160ºC, all
switches are
turned off. The
temperature must fall below 125ºC before normal
operation resumes.
To enhance the robustness of the device under
short circuit condition, a capacitor can be
connected to the FaultB pin, as shown in figure 1.
The time constant of the RC is selected to be
greater than 50ms for the FaultB node to reach
2V. Under short circuit condition, the FaultB node
will be reset to zero and the part will be place in
standby mode until the voltage at the STBYB pin
is above 2V.
FAULTB
STBYB
R
C
MP8049S
5V
Figure 1—Fault Protection Enhancement
Circuit
Fault Output
The MP8049S includes an open drain, active low
fault indicator output (FAULTB). A fault will be
indicated if one of the following conditions is
detected: the current limit is tripped, or the
thermal shutdown is tripped.
A fault on any channel will cause the FAULTB pin
to be pulled low. When the fault goes away, the
MP8049S will resume normal operation.
Do not apply more than 6V to the FAULTB pin.
Error Reporting
The MP8049S also have two fault monitor pins
(FLT3B and FLT2B), which are active low and
open-drain
outputs.
Their
function
is
for
protection-mode signaling to a PWM controller or
other system control device, as shown in the
below table.
OCP
OTP
UVP
FLTB2
FLTB3
0
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
0
0
0
Table 1- Fault Boolean



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com