Electronic Components Datasheet Search
  English  ▼

X  

MP8049S Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8049S
Description  Quad Channel Power Half-Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8049S Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8049S Datasheet HTML 2Page - Monolithic Power Systems MP8049S Datasheet HTML 3Page - Monolithic Power Systems MP8049S Datasheet HTML 4Page - Monolithic Power Systems MP8049S Datasheet HTML 5Page - Monolithic Power Systems MP8049S Datasheet HTML 6Page - Monolithic Power Systems MP8049S Datasheet HTML 7Page - Monolithic Power Systems MP8049S Datasheet HTML 8Page - Monolithic Power Systems MP8049S Datasheet HTML 9Page - Monolithic Power Systems MP8049S Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP8049S - 24V, 5.5A QUAD CHANNEL POWER HALF-BRIDGE
MP8049S Rev. 1.01
www.MonolithicPower.com
6
10/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
31, 32
PGND2A
Power Ground of channel 2A. Connect the exposed pad on bottom side to the ground
plane.
33
BST2A
Bootstrap Supply. BST2A powers the high-side gate of the SW2A stage. Connect a 0.1μF
or greater capacitor between BST2A and SW2A.
34
VDR2
Gate Drive Supply Bypass. The voltage at VDR2 is supplied from an internal regulator from
its respective VSP. VDR2 powers the internal circuitry and internal MOSFET gate drive for
its respective SW2 stage. Bypass VDR2 to PGND with a 0.1μF to 10μF capacitor.
35, 36
AGND
Analog Ground.
37
VDR1
Gate Drive Supply Bypass. The voltage at VDR1 is supplied from an internal regulator from
its respective VSP. VDR1 powers the internal circuitry and internal MOSFET gate drive for
its respective SW1 stage. Bypass VDR1 to PGND with a 0.1μF to 10μF capacitor.
38
BST1B
Bootstrap Supply. BST1B powers the high-side gate of the SW1B stage. Connect a 0.1μF
or greater capacitor between BST1B and SW1B.
39,40
PGND1B
Power Ground of Channel 1B. Connect the exposed pad on bottom side to the ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com