Electronic Components Datasheet Search
  English  ▼

X  

TPS820F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPS820F
Description  Silicon Epitaxial Planar
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS820F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPS820F Datasheet HTML 1Page - Toshiba Semiconductor TPS820F Datasheet HTML 2Page - Toshiba Semiconductor TPS820F Datasheet HTML 3Page - Toshiba Semiconductor TPS820F Datasheet HTML 4Page - Toshiba Semiconductor TPS820F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPS820(B,F)
2007-10-01
4
Load resistance RL (kΩ)
Switching characteristics (no saturation) (typ.)
Load resistance RL (kΩ)
Switching characteristics (saturation) (typ.)
Switching time measurement circuit and waveform
Wavelength
λ (nm)
Spectral response
(typ.)
Radiation pattern
(typ.)
1
0.1
1
10
100
10
100
1000
10000
Ta
= 25°C
LED: TLN117
VCC = 5 V
VOUT = 2.5 V
tf
td
tr
ts
Ta
= 25°C
LED: TLN117
VCC = 5 V
VOUT >= 4.1 V
0.1
0.1
1
10
100
1
10
100
1000
10000
tf
ts
td
tr
60
0
0
200
400
600
1000
1200
800
20
40
80
100
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
0
1.0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
0.8
0.6
0.4
0.2
Luminance angle
Relative sensitivity
Ta
= 25°C
tr
tf
90%
10%
VOUT
IF
td
ts
TPS820
VOUT
VCC
RL
Pulse drive
0.01
μF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com