Electronic Components Datasheet Search
  English  ▼

X  

TPS820F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPS820F
Description  Silicon Epitaxial Planar
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS820F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPS820F Datasheet HTML 1Page - Toshiba Semiconductor TPS820F Datasheet HTML 2Page - Toshiba Semiconductor TPS820F Datasheet HTML 3Page - Toshiba Semiconductor TPS820F Datasheet HTML 4Page - Toshiba Semiconductor TPS820F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPS820(B,F)
2007-10-01
3
Ambient temperature Ta (°C)
P – Ta
Ambient temperature Ta (°C)
Id – Ta
(typ.)
Emission E (mW/cm
2
)
IL – E
(typ.)
Ambient temperature Ta (°C)
Relative light current IL – Ta
(typ.)
Supply voltage VCC (V)
Relative light current IL – VCC
(typ.)
Ambient temperature Ta (°C)
VOUT (sat) – Ta
(typ.)
0
−20
50
100
150
200
250
300
0
20
40
60
80
100
120
0.001
20
40
60
80
100
0.01
0.1
1
10
VCC = 4.5 V
5 V
5.5 V
10
0.001
0.01
0.1
1
100
1000
10000
VCC = 5 V
Ta
= 25°C
0.0
−40
0
40
80
0.4
0.8
1.2
1.6
2.0
E
= 0.1 mW/cm
2
VCC = 5 V
0.0
3
4
5
6
0.2
0.4
0.6
0.8
1.0
1.2
Ta
= 25°C
E
= 0.1 mW/cm
2
4.0
−40
0
40
80
4.1
4.2
4.3
4.4
4.5
VCC = 5 V
E
= 0.1 mW/cm
2
RL = 10 kΩ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com