Electronic Components Datasheet Search
  English  ▼

X  

TPS820F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPS820F
Description  Silicon Epitaxial Planar
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS820F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPS820F Datasheet HTML 1Page - Toshiba Semiconductor TPS820F Datasheet HTML 2Page - Toshiba Semiconductor TPS820F Datasheet HTML 3Page - Toshiba Semiconductor TPS820F Datasheet HTML 4Page - Toshiba Semiconductor TPS820F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPS820(B,F)
2007-10-01
1
TOSHIBA Photo-IC Silicon Epitaxial Planar
TPS820(B,F)
Lead(Pb)-Free
Photo-Electric Switches
Copiers, Printers, and Facsimiles
Luminosity Adjustment for Various
Types of Equipment
The TPS820(B,F) is a linear output photo-IC
(current output type) which incorporates a
photodiode and a current amp circuit in a single
chip.
The sensitivity is superior to that of a
phototransistor and its illuminance output linearity
is excellent.
• High sensitivity: IL = 1.5 mA (Min) @E = 0.1
mW/cm2
• Little fluctuation in light current
• Output linearity of illuminance is excellent.
• Low current consumption: ICC = 1 μA (max) at
VCC = 5 V
• Housed in compact side-view epoxy resin
package
• Black package impermeable to visible light
• The TPS820 is suitable for use in combination
with the TLN117(F) infrared LED lamp whose package size is the same.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5~7
V
Output voltage
VO
<= VCC
V
Light current
IL
10
mA
Power dissipation
P
250
mW
Power dissipation derating
ΔP/°C
−3.33
mW/°C
Operating temperature range
Topr
−25~85
°C
Storage temperature range
Tstg
−40~100
°C
Soldering temperature (5 s)
(Note1)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: At the location of 1.3 mm from the resin package bottom
Unit: mm
TOSHIBA
0-3H1
Weight: 0.12 g (typ.)


Similar Part No. - TPS820F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Texas Instruments
TPS82084 TI-TPS82084 Datasheet
1Mb / 25P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILR TI-TPS82084SILR Datasheet
1Mb / 25P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILT TI-TPS82084SILT Datasheet
1Mb / 25P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
More results

Similar Description - TPS820F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA963 PANASONIC-2SA963 Datasheet
109Kb / 3P
SILICON EPITAXIAL PLANAR
logo
Hitachi Semiconductor
2SC641K HITACHI-2SC641K Datasheet
626Kb / 3P
SILICON EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS816F TOSHIBA-TPS816F_07 Datasheet
173Kb / 6P
Silicon Epitaxial Planar
TPS841 TOSHIBA-TPS841 Datasheet
225Kb / 6P
Silicon Epitaxial Planar
TPS842A TOSHIBA-TPS842A_07 Datasheet
226Kb / 6P
Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851_07 Datasheet
272Kb / 12P
Silicon Epitaxial Planar
TPS852 TOSHIBA-TPS852 Datasheet
247Kb / 12P
Silicon Epitaxial Planar
logo
SEMTECH ELECTRONICS LTD...
1SS77WS SEMTECH_ELEC-1SS77WS Datasheet
212Kb / 3P
SILICON EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
EMZ1 SECOS-EMZ1 Datasheet
1Mb / 4P
Silicon Epitaxial Planar
UMZ1N SECOS-UMZ1N Datasheet
1Mb / 4P
Silicon Epitaxial Planar
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com