Electronic Components Datasheet Search
  English  ▼

X  

KB3408 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB3408
Description  1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3408 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB3408 Datasheet HTML 1Page - Kingbor Technology Co KB3408 Datasheet HTML 2Page - Kingbor Technology Co KB3408 Datasheet HTML 3Page - Kingbor Technology Co KB3408 Datasheet HTML 4Page - Kingbor Technology Co KB3408 Datasheet HTML 5Page - Kingbor Technology Co KB3408 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
March 2007
KB3408
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
(From Figure 1a Except for the Resistive Divider Resistor Values)
Start-Up from Shutdown
Load Step
Load Step
RUN
2V/DIV
ILOAD
500mA/DIV
VOUT
2V/DIV
40
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 350mA
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 350mA
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 350mA
Load Step
Load Step
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA TO 350mA
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 200mA TO 350mA
RUN (Pin 1): Run Control Input. Forcing this pin above
1.5V enables the part. Forcing this pin below 0.3V shuts
down the device. In shutdown, all functions are disabled
drawing <1
µA supply current. Do not leave RUN floating.
GND (Pin 2): Ground Pin.
SW (Pin 3): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
VIN (Pin 4): Main Supply Pin. Must be closely decoupled
to GND, Pin 2, with a 2.2
µF or greater ceramic capacitor.
VFB (Pin 5) (kB3408): Feedback Pin. Receives the feed-
back voltage from an external resistive divider across the
output.
VOUT (Pin 5) (kB3408-1.8/kB3408-3.3):
Output Volt-
age Feedback Pin. An internal resistive divider divides the
output voltage down for comparison to the internal refer-
ence voltage.
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com