Electronic Components Datasheet Search
  English  ▼

X  

KB3408 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB3408
Description  1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3408 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB3408 Datasheet HTML 1Page - Kingbor Technology Co KB3408 Datasheet HTML 2Page - Kingbor Technology Co KB3408 Datasheet HTML 3Page - Kingbor Technology Co KB3408 Datasheet HTML 4Page - Kingbor Technology Co KB3408 Datasheet HTML 5Page - Kingbor Technology Co KB3408 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KB3408
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
March 2007
2
KB3408
KB3408-ADJ
TJMAX = 125°C, JA = 250°C/ W, JC = 90°C/ W
ORDER PART
NUMBER
Input Supply Voltage .................................. – 0.3V to 7.5V
RUN, VFB Voltages ..................................... – 0.3V to VIN
SW Voltage .................................. – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 400mA
N-Channel Switch Sink Current (DC) ................. 400mA
RUN 1
GND 2
SW 3
5 VFB
4 VIN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
(Note 1)
Peak SW Sink and Source Current .................... 350mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
KB3408B-1.8
ORDER PART
NUMBER
TJMAX = 125°C, JA = 250°C/ W, JC = 90°C/ W
RUN 1
GND 2
SW 3
5 VOUT
4 VIN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
●
±30
nA
VFB
Regulated Feedback Voltage
KB3408 (Note 4) T A = 25°C
0.5880
0.6
0.6120
V
KB3408 (Note 4) 0
°C TA 85°C
0.5865
0.6
0.6135
V
KB3408 (Note 4) –40
°C TA 85°C
●
0.5850
0.6
0.6150
V
VFB
Reference Voltage Line Regulation
VIN = 2.5V to 7.4V (Note 4)
●
0.4
1
%/V
VOUT
Regulated Output Voltage
KB3408-1.8, I OUT = 100mA
●
1.755
1.800
1.845
V
KB3408-3.3, I OUT = 100mA
●
3.246
3.300
3.354
V
VOUT
Output Voltage Line Regulation
VIN = 2.5V to 7.4V
●
0.4
1
%/V
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.5V or VOUT = 90%,
0.40
0.45
0.5
A
Duty Cycle < 35%
VLOADREG
Output Voltage Load Regulation
0.5
%
VIN
Input Voltage Range
●
2.5
7.4
V
IS
Input DC Bias Current
(Note 5)
Active Mode
VFB = 0.5V or VOUT = 90%, ILOAD = 0A
250
400
µA
Sleep Mode
VFB = 0.62V or VOUT = 103%, ILOAD = 0A
20
35
µA
Shutdown
VRUN = 0V, VIN = 4.2V
0.1
1
µA
fOSC
Oscillator Frequency
VFB = 0.6V or VOUT = 100%
●
1.2
1.5
1.8
MHz
VFB = 0V or VOUT = 0V
210
kHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.4
0.5
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA
0.35
0.45
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
µA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
PACkAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
Top Marking
Top Marking
A19x
xxxx
KB3408B-3.3
Top Marking
xxxx
x: DateCode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com