Electronic Components Datasheet Search
  English  ▼

X  

KB3408 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3408
Description  1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3408 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3408 Datasheet HTML 1Page - Kingbor Technology Co KB3408 Datasheet HTML 2Page - Kingbor Technology Co KB3408 Datasheet HTML 3Page - Kingbor Technology Co KB3408 Datasheet HTML 4Page - Kingbor Technology Co KB3408 Datasheet HTML 5Page - Kingbor Technology Co KB3408 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2007
1
KB3408
KB3408
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
1.5MHz,
Synchronous Step-Down
Regulator in SOT23-5
350mA
■
High Efficiency: Up to 96%
■
Very Low Quiescent Current: Only 20
µA
During Operation
■
350mA Output Current
■
2.5V to 7.4V Input Voltage Range
■
1.5MHz Constant Frequency Operation
■
No Schottky Diode Required
■
Low Dropout Operation: 100% Duty Cycle
■
0.6V Reference Allows Low Output Voltages
■
Shutdown Mode Draws 1
µA Supply Current
■
Current Mode Operation for Excellent Line and
Load Transient Response
■
Overtemperature Protected
■
Low Profile (1mm) SOT23-5 Package
The
KB3408 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. The device is available in an adjustable
version and fixed output voltages of 1.8V and 3.3V. Supply
current during operation is only 20
µA and drops to 1µA
in shutdown. The 2.5V to 7.4V input voltage range makes
the KB3408 ideally suited for single Li-Ion battery-pow-
ered applications. 100% duty cycle provides low dropout
operation, extending battery life in portable systems.
Automatic Burst Mode operation increases efficiency at
light loads, further extending battery life.
Switching frequency is internally set at 1.5MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V feed-
back reference voltage. The KB3408 is available in a low
profile (1mm) SOT23-5 package.
■
Cellular Telephones
■ Personal Information Appliances
■ Wireless and DSL Modems
■ Digital Still Cameras
■ MP3 Players
■ Portable Instruments
Figure 1a. High Efficiency Step-Down Converter
Figure 1b. Efficiency vs Load Current
VIN
CIN
4.7
µF
Tan
VIN
2.7V
TO 7.4V
KB3408-1.8
RUN
3
4.7
µH
5
4
1
2
SW
VOUT
GND
COUT
10
µF
CER
VOUT
1.8V
350mA
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
500
60
1
85
75
65
VIN = 2.7V
VOUT = 1.8V
VIN = 4.2V
VIN = 3.6V
APPLICATIONS
FEATURES
DESCRIPTION
TYPICAL APPLICATION
+


Similar Part No. - KB3408

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3417GRE KINGBOR-KB3417GRE Datasheet
146Kb / 9P
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426-ADJ KINGBOR-KB3426-ADJ Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426B-1.8 KINGBOR-KB3426B-1.8 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426B-3.3 KINGBOR-KB3426B-3.3 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
More results

Similar Description - KB3408

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
logo
Semtech Corporation
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
Linear Technology
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com