Electronic Components Datasheet Search
  English  ▼

X  

KB3408 Datasheet(PDF) 5 Page - Kingbor Technology Co

Part # KB3408
Description  1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3408 Datasheet(HTML) 5 Page - Kingbor Technology Co

  KB3408 Datasheet HTML 1Page - Kingbor Technology Co KB3408 Datasheet HTML 2Page - Kingbor Technology Co KB3408 Datasheet HTML 3Page - Kingbor Technology Co KB3408 Datasheet HTML 4Page - Kingbor Technology Co KB3408 Datasheet HTML 5Page - Kingbor Technology Co KB3408 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
March 2007
5
KB3408
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
+
–
+
–
EA
IRCMP
+
–
ICOMP
5
1
RUN
OSC
SLOPE
COMP
OSC
FREQ
SHIFT
0.6V
FB
R1
R2
0.6V REF
SHUTDOWN
0.4V
0.65V
SLEEP
VIN
VFB/VOUT
BURST
VIN
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
Q
Q
5
4
SW
3
GND
2
SIMPLIFIED BLOC DIAGRAM
Tiny 3.3V/350mA Buck Regulator
VIN
CIN
4.7
µF
VIN
3.6V
KB3408
RUN
3
4.7
µH
22pF
450k
100k
5
4
1
2
SW
VFB
GND
COUT**
10
µF
CER
VOUT
3.3V
350mA
** TAIYO YUDEN JMK316BJ106ML
+
to 7.4V
OUTPUT CURRENT (mA)
70
80
85
95
100
0.1
10
100
500
60
1
90
75
65
VIN = 5V
VOUT = 3.3V
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 5V
VOUT = 3.3V
ILOAD = 200mA TO 350mA
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com