Electronic Components Datasheet Search
  English  ▼

X  

KB3436 Datasheet(PDF) 8 Page - Kingbor Technology Co

Part # KB3436
Description  600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3436 Datasheet(HTML) 8 Page - Kingbor Technology Co

Back Button KB3436 Datasheet HTML 3Page - Kingbor Technology Co KB3436 Datasheet HTML 4Page - Kingbor Technology Co KB3436 Datasheet HTML 5Page - Kingbor Technology Co KB3436 Datasheet HTML 6Page - Kingbor Technology Co KB3436 Datasheet HTML 7Page - Kingbor Technology Co KB3436 Datasheet HTML 8Page - Kingbor Technology Co KB3436 Datasheet HTML 9Page - Kingbor Technology Co KB3436 Datasheet HTML 10Page - Kingbor Technology Co KB3436 Datasheet HTML 11Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
is achieved by terminating the switching of the synchro-
nous PMOS and applying VIN statically on its gate. This
ensures that the slope of the inductor current will reverse
during the time current is flowing to the output. Since the
PMOS no longer acts as a low impedance switch in this
mode, there will be more power dissipation within the IC.
This will cause a sharp drop in the efficiency (see Typical
Performance Characteristics, Efficiency vs VIN). The maxi-
mum output current should be limited in order to maintain
an acceptable junction temperature.
PCB LAYOUT GUIDELINES
The high speed operation of the KB3436
demands careful attention to board layout. You will not get
advertised performance with careless layout. Figure 2
shows the recommended component placement. A large
ground pin copper area will help to lower the chip tempera-
ture. A multilayer board with a separate ground plane is
ideal, but not absolutely necessary.
inductor ripple current. Increasing the inductance above
10
µH will increase size while providing little improvement
in output current capability.
The approximate output current capability of the KB3436
versus inductance value is given in the equation below and
illustrated graphically in Figure 3.
II
VD
fL
D
OUT MAX
P
IN
()
•–
•
••
•–
=
()
2
1
where:
= estimated efficiency
IP = peak current limit value (0.6A)
VIN = input (battery) voltage
D = steady-state duty ratio = (VOUT – VIN)/VOUT
f = switching frequency (650kHz typical)
L = inductance value
INDUCTANCE (
µH)
2.2
120
160
200
19
80
40
100
140
180
60
20
0
7
5
11
9
15 17
21
13
23
VIN = 1.2V
VOUT = 3.3V
VOUT = 5V
Figure 3. Maximum Output Current vs
Inductance Based on 90% Efficiency
SW
GND
FB
1
2
3
6
5
4
VIN
VOUT
SHDN
SHDN
VOUT
VIN
RECOMMENDED COMPONENT PLACEMENT. TRACES
CARRYING HIGH CURRENT ARE DIRECT. TRACE AREA AT
FB PIN IS SMALL. LEAD LENGTH TO BATTERY IS SHORT
Figure 2. Recommended Component Placement
for Single Layer Board
COMPONENT SELECTION
Inductor Selection
The KB3436 can utilize small surface mount
and chip inductors due to its fast 650kHz switching
frequency. Typically, a 4.7
µH inductor is recommended
for most applications. Larger values of inductance will
allow greater output current capability by reducing the
KB3436
KB3436
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
OPERATION
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com