Electronic Components Datasheet Search
  English  ▼

X  

KB3436 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB3436
Description  600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3436 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB3436 Datasheet HTML 1Page - Kingbor Technology Co KB3436 Datasheet HTML 2Page - Kingbor Technology Co KB3436 Datasheet HTML 3Page - Kingbor Technology Co KB3436 Datasheet HTML 4Page - Kingbor Technology Co KB3436 Datasheet HTML 5Page - Kingbor Technology Co KB3436 Datasheet HTML 6Page - Kingbor Technology Co KB3436 Datasheet HTML 7Page - Kingbor Technology Co KB3436 Datasheet HTML 8Page - Kingbor Technology Co KB3436 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Single-Cell to 3.3V Efficiency
OUTPUT CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
40
0.01
1
100
0.001
0.1
10
0.0001
1
VIN = 1.5V
EFFICIENCY
POWER LOSS
VIN = 1.5V
VIN = 1.2V
VIN = 1.2V
OUTPUT CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
40
1
VIN = 3V
VIN = 3V
VIN = 2.4V
VIN = 2.4V
0.01
1
100
0.001
0.1
10
0.0001
EFFICIENCY
POWER LOSS
OUTPUT CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
40
1
VIN = 3V
VIN = 3V
VIN = 2.4V
VIN = 2.4V
0.01
1
100
0.001
0.1
10
0.0001
EFFICIENCY
POWER LOSS
2-Cell to 3.3V Efficiency
2-Cell to 5V Efficiency
(TA = 25
°C unless otherwise specified)
Li-Ion to 5V Efficiency
Efficiency vs Input Voltage
Burst Mode Output Current
Threshold vs Input Voltage
OUTPUT CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
40
1
VIN = 3.6V
VIN = 3.6V
VIN = 4.2V
VIN = 4.2V
EFFICIENCY
POWER LOSS
0.01
1
100
0.001
0.1
10
0.0001
INPUT VOLTAGE (V)
0.5
40
50
60
70
80
90
100
1.5
2.5
3.5
4.5
VIN > VOUT
PMOS LDO
MODE
VOUT = 3.3V
IOUT = 50mA
INPUT VOLTAGE (V)
0.9
20
25
35
2.4
3.4
15
10
1.4
1.9
2.9
3.9
4.4
5
0
30
VOUT = 3.3V
L = 4.7
µH
VOUT = 5V
No Load Input Current
vs Input Voltage
Maximum Load Current
Capability at Output 4% Below
Regulation Point
Minimum Start-Up Input Voltage
vs Load Current
INPUT VOLTAGE (V)
1.4
10
100
1000
2.4
0.9
4.4
1.9
2.9
3.4
3.9
VOUT = 3.3V
L = 4.7
µH
VOUT = 5V
INPUT VOLTAGE (V)
0.5
0
100
200
300
400
1.5
2.5
3.5
4.5
500
600
12
3
4
VOUT = 3.3V
L = 4.7
µH
VOUT = 5V
OUTPUT CURRENT (mA)
0
0.7
0.9
1.1
1.3
1.5
1.9
50
100
150
1.7
CURRENT
SINK LOAD
RESISTOR
LOAD
KB3436
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com