Electronic Components Datasheet Search
  English  ▼

X  

KB3436 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3436
Description  600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3436 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3436 Datasheet HTML 1Page - Kingbor Technology Co KB3436 Datasheet HTML 2Page - Kingbor Technology Co KB3436 Datasheet HTML 3Page - Kingbor Technology Co KB3436 Datasheet HTML 4Page - Kingbor Technology Co KB3436 Datasheet HTML 5Page - Kingbor Technology Co KB3436 Datasheet HTML 6Page - Kingbor Technology Co KB3436 Datasheet HTML 7Page - Kingbor Technology Co KB3436 Datasheet HTML 8Page - Kingbor Technology Co KB3436 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
600mA, 650kHz Micropower
Synchronous Boost Converter
with Output Disconnect
Figure 1. 2-Cell to 3.3V Synchronous Boost Converter
SW
4.7
µH
VOUT
KB3436
FB
VIN
SHDN
460K
200K
4.7
µF
4.7
µF
2-CELL
AA
+
VOUT
3.3V
250mA
GND
OFF ON
2-Cell to 3.3V Efficiency
OUTPUT CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
40
1
VIN = 3V
VIN = 3V
VIN = 2.4V
VIN = 2.4V
0.01
1
100
0.001
0.1
10
0.0001
EFFICIENCY
POWER LOSS
converter delivering high efficiency in a SOT23-6
package. The device has an internal NMOS switch
and PMOS synchronous rectifier and has the
capacity of supplying 3.3V at 100mA from a single
AA cell input.
High frequency switching (up to 2MHz) minimizes
the board area by allowing the use of tiny, low
profile inductors and ceramic capacitors.
The KB3436 provides automatic pulse skipping at
light loads, thus reducing the supply current for
extended battery life. At shutdown, the KB3436
fully discharges the output to ground and draws no
supply current.
The KB3436 is available in small SOT23-6 package
with both fixed and adjustable output voltage
versions.
Up to 96% efficiency
Low start-up voltage 0.8V
Internal synchronous rectifier
Up to 2MHz switching allows for tiny
external components
0.5V to 4.4V input range
2.5V to 5.0V output range (Note 3)
Logic controlled shutdown (<1µA)
Low 250µA operating supply current
(measured at VOUT)
Pulse skipping at light load for extended
battery life
Generates 3.3V at 100mA from single AA
cell
Stable with ceramic output capacitor
Low profile 6-Leads SOT23-6 package
PDAs and organizers
Digital cameras
Wireless mice/ keyboards
Portable medical equipment
Cordless phones
Wireless Headsets
Feedback Voltage: 1.00V +/-2%
KB3436
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS
FEATURES
DESCRIPTION
TYPICAL APPLICATION


Similar Part No. - KB3436

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3408 KINGBOR-KB3408 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3408-ADJ KINGBOR-KB3408-ADJ Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3408B-1.8 KINGBOR-KB3408B-1.8 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3408B-3.3 KINGBOR-KB3408B-3.3 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3417GRE KINGBOR-KB3417GRE Datasheet
146Kb / 9P
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
More results

Similar Description - KB3436

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400B LINER-LTC3400B_15 Datasheet
223Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com