Electronic Components Datasheet Search
  English  ▼

X  

KB3436 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB3436
Description  600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3436 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB3436 Datasheet HTML 1Page - Kingbor Technology Co KB3436 Datasheet HTML 2Page - Kingbor Technology Co KB3436 Datasheet HTML 3Page - Kingbor Technology Co KB3436 Datasheet HTML 4Page - Kingbor Technology Co KB3436 Datasheet HTML 5Page - Kingbor Technology Co KB3436 Datasheet HTML 6Page - Kingbor Technology Co KB3436 Datasheet HTML 7Page - Kingbor Technology Co KB3436 Datasheet HTML 8Page - Kingbor Technology Co KB3436 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
VIN Voltage .............................................. –0.3V to 4.4V
SW Voltage ................................................. – 0.3V to 6V
SHDN, FB Voltage ....................................... – 0.3V to 6V
VOUT ........................................................... – 0.3V to 6V
Operating Temperature Range ................ – 40
°C to 85°C
Storage Temperature Range ................... – 65
°C to 150°
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TOP MARKING
TJMAX = 125°C, JC = 102°C/W
DGABF
KB3436
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25
°C. VIN = 1.2V, VOUT = 3.3V, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
ILOAD = 1mA, VOUT = 0V
0.80
V
Minimum Operating Voltage
SHDN = VIN (Note 3)
0.5
0.65
V
Output Voltage Adjust Range
(Note 5)
2.5
5
V
Feedback Voltage +/-2%
●
0.980
1.000
1.020
V
Feedback Input Current
VFB = 1.05V
1
50
nA
Quiescent Current (Burst Mode Operation)
VFB = 1.2V (Note 4)
20
30
µA
Quiescent Current (Shutdown)
VSHDN = 0V, Not Including Switch Leakage, VOUT = 0V
0.01
1
µA
Quiescent Current (Active)
Measured on VOUT, Nonswitching
350
500
µA
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
PMOS Switch Leakage
VSW = 5V, VOUT = 0V
0.1
5
µA
NMOS Switch On Resistance
0.35
PMOS Switch On Resistance
0.45
NMOS Current Limit
600
850
mA
Burst Mode Operation Current Threshold
L = 4.7
µH (LTC3429 Only)
1.25
mA
Current Limit Delay to Output
40
ns
Max Duty Cycle
VFB = 0.9V
●
80
90
%
Switching Frequency
●
500
650
800
kHz
SHDN Input High
1V
SHDN Input Low
0.35
V
SHDN Input Current
VSHDN = 5.5V
0.01
1
µA
Soft-Start Time
SHDN to 90% of VOUT
2.5
ms
SW 1
GND 2
FB 3
6 VIN
5 VOUT
4 SHDN
TOP VIEW
●
KB3436
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ABSOLUTE MAXIMUM RATINGS
PACkAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com