Electronic Components Datasheet Search
  English  ▼

X  

D16450 Datasheet(PDF) 4 Page - Digital Core Design

Part # D16450
Description  Configurable UART
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

D16450 Datasheet(HTML) 4 Page - Digital Core Design

  D16450 Datasheet HTML 1Page - Digital Core Design D16450 Datasheet HTML 2Page - Digital Core Design D16450 Datasheet HTML 3Page - Digital Core Design D16450 Datasheet HTML 4Page - Digital Core Design D16450 Datasheet HTML 5Page - Digital Core Design D16450 Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
APPLI C ATION
D16450
addr(2:0)
addr
latch
datai(7:0)
datao(7:0)
wr
rd
cs
intr
out1
out2
EIA
Drivers
so
si
rts
dtr
dsr
dcd
cts
ri
baudclken
rclken
clk
rst
baudclk
rclk
CPU
addr
ale
datao(7:0)
datai(7:0)
we
rd
cs
int
Typical D16450 and processor connection is
shown in figure above.
BLOCK DIAGRAM
Data Bus Buffer
- The data Bus Buffer
accepts inputs from the system bus and
generates control signals for the other D14750
functional blocks. Address bus ADDR(2:0)
selects one of the register to be read
from/written into. Both RD and WE signals are
active low, and are qualified by CS; RD and
WE are ignored unless the D16450 has been
selected by holding CS low.
Baud Generator
- The D16450 contains a
programmable 16 bit baud generator that
divides clock input by a divisor in the range
between 1 and (216–1). The output frequency
of the baud generator is 16× the baud rate.
The formula for the divisor is:
16
*
baudrate
frequency
divisor
=
Two 8-bit registers, called divisor latches DLL
and DLM, store the divisor in a 16-bit binary
format. These divisor latches must be loaded
during initialization of the D16450 in order to
ensure
desired
operation
of
the
baud
generator. When either of the divisor latches
is loaded, a 16-bit baud counter is also loaded
on the CLK rising edge following the write to
DLL or DLM to prevent long counts on initial
load.
Modem Control Logic
controls the interface
with the MODEM or data set (or a peripheral
device emulating a MODEM).
Interrupt Controller
- D16450 consists fully
prioritized interrupt system controller.
It
controls interrupt requests to the CPU and
interrupt priority. Interrupt controller contains
Interrupt
Enable
(IER)
and
Interrupt
Identification (IIR) registers.
rclk
rclken
si
Receiver
Control
&
Shift Register
addr(2:0)
datai(7:0)
datao(7:0)
rd
wr
cs
ddis
Data Bus
Buffer
Baud
Generator
clk
rst
Interrupt
Controller
rts
cts
dtr
dsr
dcd
ri
out1
out2
Modem
control
logic
so
Transmitter
Control
&
Shift Register
baudclk
baudclken
baudout
Receiver Control
- Receiving starts when the
falling edge on Serial Input (SI) during IDLE
State is detected. After starting the SI input is
sampled every 16 internal baud cycles as it is
shown in figure below. When the logic 1 state
is detected during START bit it means that the
False Start bit was detected and receiver back
to the IDLE state.
Transmitter
Control
module
controls
transmission of written to THR (Transmitter
Holding register) character via serial output
SO. The new transmission starts on the next
overflow signal of internal baud generator,
after writing to THR register or Transmitter
FIFO. Transmission control contains THR
register and transmitter shift register.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com