Electronic Components Datasheet Search
  English  ▼

X  

D16450 Datasheet(PDF) 5 Page - Digital Core Design

Part # D16450
Description  Configurable UART
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

D16450 Datasheet(HTML) 5 Page - Digital Core Design

  D16450 Datasheet HTML 1Page - Digital Core Design D16450 Datasheet HTML 2Page - Digital Core Design D16450 Datasheet HTML 3Page - Digital Core Design D16450 Datasheet HTML 4Page - Digital Core Design D16450 Datasheet HTML 5Page - Digital Core Design D16450 Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
PERFORMANCE
The following table gives a survey about
the Core area and performance in the
ALTERA® devices after Place & Route:
Device
Speed
grade
Logic Cells
Fmax
CYCLONE
-6
301
190 MHz
CYCLONE 2
-6
303
222 MHz
STRATIX
-5
301
213 MHz
STRATIX 2
-3
248
283 MHz
STRATIXGX
-5
301
212 MHz
MERCURY
-5
350
222 MHz
EXCALIBUR
-1
340
137 MHz
APEX II
-7
340
145 MHz
APEX20KC
-7
340
143 MHz
APEX20KE
-1
340
122 MHz
APEX20K
-1
340
83 MHz
ACEX1K
-1
363
99 MHz
FLEX10KE
-1
363
98 MHz
Core performance in ALTERA® devices
D16X50 UARTS FAMILY OVERVIEW
The family of DCD D16X50 UART IP Cores combine a high–performance, low cost, and small
compact size, offering the best price/performance ratio in the IP Market. The DCD’s Cores are
dedicated for use in cost-sensitive consumer products, computer peripherals, office automation,
automotive control systems, security and telecommunication applications.
The D16X50 IP Cores are written in pure VHDL/VERILOG HDL languages which make them
technologically independent. All of the D16X50 IP Cores can be fully customized according to
customer needs.
Design
D16450
1
-
-
-
-
-*
-*
D16550
1
2* 16
-
-
-*
-*
D16750
1
2* 64
-
-*
-*
D16552
2
4* 16
-
-
D16752
2
4* 64
-*
-*
D16754
4
8* 64
-*
-*
*-Optional
D16X50 family of Configurable UARTs with FIFO IP Cores



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com