| Electronic Components Datasheet Search |
|
DP80C51 Datasheet(PDF) 3 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DP80C51 Datasheet(HTML) 3 Page - Digital Core Design |
|
3 / 10 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. ♦ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ♦ ♦ ♦ ◊ ◊ http://www.DigitalCoreDesign.com http://www.dcd.pl DELIVERABLES Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted, or plain text EDIF netlist VHDL & VERILOG test bench environment NCSim automatic simulation macros ModelSim automatic simulation macros Active-HDL automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support IP Core implementation support 3 months maintenance ● Delivery the IP Core updates, minor and major versions changes ● Delivery the documentation updates ● Phone & email support LICENSING Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows using IP Core in single FPGA bitstream and ASIC implementa- tion. It also permits FPGA prototyping before ASIC production. Unlimited Designs license allows using IP Core in unlimited number of FPGA bitstreams and ASIC implementations. In all cases number of IP Core instantiations within a design, and number of manufactured chips are unlimited. There is no time of use limitations. ● ○ Single Design license for VHDL, Verilog source code called HDL Sour- ce ○ Encrypted, or plain text EDIF called Netlist ● ○ ○ ● ○ ○ ♦ ○ ○ ♦ ♦ ♦ ♦ Unlimited Designs license for HDL Source Netlist Upgrade from Netlist to HDL Source Single Design to Unlimited Designs DESIGN FEATURES PROGRAM MEMORY: The DP80C51 soft core is dedicated for operation with Internal and External Pro- gram Memory. Internal Program Memory can be implemented as: ROM located in address range between 0x0000 ÷ (ROM size-1) RAM located in address range between (RAMsize-1) ÷ 0xFFFF External Program Memory can be im- plemented as ROM or RAM located in ad- dress range between ROMsize ÷ RAMsize. INTERNAL DATA MEMORY: The DP8C051 can address Internal Data Memory of up to 256 bytes The Internal Data Memory can be implemented as Sin- gle-Port synchronous RAM. EXTERNAL DATA MEMORY: The DP80C51 soft core can address up to 64 kB of External Data Memory. USER SPECIAL FUNCTION REGISTERS: Up to 104 External (user) Special Func- tion Registers (ESFRs) may be added to the DP80C51 design. ESFRs are memory mapped into Direct Memory between ad- dresses 0x80 and 0xFF in the same man- ner as core SFRs and may occupy any ad- dress that is not occupied by a core SFR. WAIT STATES SUPPORT: The DP80C51 soft core is dedicated for operation with wide range of Program and Data memories. Slow Program and Exter- nal Data memory may assert a memory WAIT signal to hold up CPU activity for re- quired period of time. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |