Electronic Components Datasheet Search
  English  ▼

X  

DP80C51 Datasheet(PDF) 1 Page - Digital Core Design

Part # DP80C51
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80C51 Datasheet(HTML) 1 Page - Digital Core Design

  DP80C51 Datasheet HTML 1Page - Digital Core Design DP80C51 Datasheet HTML 2Page - Digital Core Design DP80C51 Datasheet HTML 3Page - Digital Core Design DP80C51 Datasheet HTML 4Page - Digital Core Design DP80C51 Datasheet HTML 5Page - Digital Core Design DP80C51 Datasheet HTML 6Page - Digital Core Design DP80C51 Datasheet HTML 7Page - Digital Core Design DP80C51 Datasheet HTML 8Page - Digital Core Design DP80C51 Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
D
DP
P8
80
0C
C5
51
1
●
●
●
●
●
●
●
●
●
●
●
●
Pipelined High Performance
8-bit Microcontroller
ver 4.01
OVERVIEW
DP80C51 is an ultra high performance,
speed optimized
soft core of a single-chip 8-
bit embedded controller dedicated for opera-
tion with fast (typically on-chip) and slow (off-
chip) memories. The core has been designed
with a special concern for performance to
power consumption
ratio. This ratio is ex-
tended by an advanced power management
unit PMU.
DP80C51 soft core is 100% binary and
pin compatible
with the industry standard
8051 8-bit microcontroller. There are two con-
figurations of the DP80C51: Harward, where
external data and program buses are sepa-
rated, and von Neumann, with common pro-
gram and external data bus. DP80C51 has
Pipelined RISC architecture up to 10 times
faster
compared to standard architecture and
executes 85-200 million instructions per
second. This performance can also be ex-
ploited to great advantage in low power appli-
cations where the core can be clocked over ten
times more slower than the original implemen-
tation for no performance penalty.
DP80C51 is delivered with fully auto-
mated testbench
and complete set of tests
allowing easy package validation at each stage
of SoC design flow.
CPU FEATURES
100% pin compatible with industry standard
8051
100% software compatible with industry
standard 8051
Pipelined RISC architecture enables to
execute instructions up to 10 times faster
compared to standard 8051
24 times faster multiplication
12 times faster addition
Up to 256 bytes of internal (on-chip) Data
Memory
Up to 64K bytes of internal (on-chip) or
external (off-chip) Program Memory
Up to 64K bytes of external (off-chip) Data
Memory
User programmable Program Memory Wait
States solution for wide range of memories
speed
User programmable External Data Memory
Wait States solution for wide range of
memories speed
Dedicated signal for Program Memory
writes.
Interface for additional Special Function
Registers


Similar Part No. - DP80C51

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8010 3M-DP8010 Datasheet
259Kb / 6P
Scotch-Weld™ Structural Plastic Adhesives
Oct-2018
DP8010NS 3M-DP8010NS Datasheet
259Kb / 6P
Scotch-Weld™ Structural Plastic Adhesives
Oct-2018
logo
National Semiconductor ...
DP802518 NSC-DP802518 Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
DP802518N NSC-DP802518N Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
DP802518V NSC-DP802518V Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
More results

Similar Description - DP80C51

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
DP80390 DCD-DP80390 Datasheet
253Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU Datasheet
242Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP_03 Datasheet
150Kb / 12P
Pipelined High Performance 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com